Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8725Y Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS8725Y
Description  DIFFERENTIAL-TO-LVHSTL ZERO DELAY BUFFER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8725Y Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS8725Y Datasheet HTML 1Page - Integrated Circuit Systems ICS8725Y Datasheet HTML 2Page - Integrated Circuit Systems ICS8725Y Datasheet HTML 3Page - Integrated Circuit Systems ICS8725Y Datasheet HTML 4Page - Integrated Circuit Systems ICS8725Y Datasheet HTML 5Page - Integrated Circuit Systems ICS8725Y Datasheet HTML 6Page - Integrated Circuit Systems ICS8725Y Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
8725
www.icst.com/products/hiperclocks.html
REV. A MARCH 5, 2001
3
Integrated
Circuit
Systems, Inc.
ICS8725
1-TO-5
DIFFERENTIAL-TO-LVHSTL ZERO DELAY BUFFER
PRELIMINARY
TABLE 2. PIN CHARACTERISTICS
TABLE 3. CONTROL INPUTS FUNCTION TABLE
TABLE 4. PLL INPUT REFERENCE CHARACTERISTICS, VDDI=VDDA=3.3V±5%, VDDO=1.8V±5%, TA=0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
N
I
C
t
u
p
n
I
e
c
n
a
t
i
c
a
p
a
C
,
1
K
L
C
_
F
E
R
,
1
K
L
C
_
F
E
R
n
,
2
K
L
C
_
F
E
R
,
2
K
L
C
_
F
E
R
n
N
I
_
B
F
n
,
N
I
_
B
F
D
B
TF
p
,
0
L
E
S
_
V
I
D
,
1
L
E
S
_
V
I
D
,
L
E
S
_
F
E
R
V
I
D
_
F
E
R
R
M
,
L
E
S
_
L
L
P
D
B
TF
p
P
U
L
L
U
P
R
t
u
p
n
I
r
o
t
s
i
s
e
R
p
u
ll
u
P
1
5K
Ω
N
W
O
D
L
L
U
P
R
t
u
p
n
I
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
1
5K
Ω
1
L
E
S
_
V
I
D0
L
E
S
_
V
I
D
)
z
H
M
(
Y
C
N
E
U
Q
E
R
F
M
U
M
I
N
I
MM
U
M
I
X
A
M
00
0
5
20
5
2
01
5
2
10
5
2
10
5
.
2
65
2
1
11
5
2
.
1
35
.
2
6
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
F
E
R
fy
c
n
e
u
q
e
r
F
e
c
n
e
r
e
f
e
R
t
u
p
n
I0
20
5
2z
H
M
R
te
m
i
T
e
s
i
R
t
u
p
n
Is
t
n
i
o
p
%
0
8
o
t
%
0
2
t
a
d
e
r
u
s
a
e
MD
B
Ts
n
F
te
m
i
T
ll
a
F
t
u
p
n
It
n
i
o
p
%
0
8
o
t
%
0
2
t
a
d
e
r
u
s
a
e
MD
B
Ts
n
C
D
te
l
c
y
C
y
t
u
D
e
c
n
e
r
e
f
e
R
t
u
p
n
ID
B
TD
B
T%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com