Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8725Y Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS8725Y
Description  DIFFERENTIAL-TO-LVHSTL ZERO DELAY BUFFER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8725Y Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS8725Y Datasheet HTML 1Page - Integrated Circuit Systems ICS8725Y Datasheet HTML 2Page - Integrated Circuit Systems ICS8725Y Datasheet HTML 3Page - Integrated Circuit Systems ICS8725Y Datasheet HTML 4Page - Integrated Circuit Systems ICS8725Y Datasheet HTML 5Page - Integrated Circuit Systems ICS8725Y Datasheet HTML 6Page - Integrated Circuit Systems ICS8725Y Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
8725
www.icst.com/products/hiperclocks.html
REV. A MARCH 5, 2001
4
Integrated
Circuit
Systems, Inc.
ICS8725
1-TO-5
DIFFERENTIAL-TO-LVHSTL ZERO DELAY BUFFER
PRELIMINARY
TABLE 5A. POWER SUPPLY DC CHARACTERISTICS, VDDI=VDDA=3.3V±5%, VDDO=1.8V±5%, TA=0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
I
D
D
Ve
g
a
t
l
o
V
y
l
p
p
u
S
r
e
w
o
P
t
u
p
n
I
5
3
1
.
33
.
35
6
4
.
3V
A
D
D
Ve
g
a
t
l
o
V
y
l
p
p
u
S
r
e
w
o
P
g
o
l
a
n
A
5
3
1
.
33
.
35
6
4
.
3V
O
D
D
Ve
g
a
t
l
o
V
y
l
p
p
u
S
r
e
w
o
P
t
u
p
t
u
O
8
.
1V
E
E
It
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
A
m
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
4.6V
Inputs
-0.5V to VDD+0.5 V
Outputs
-0.5V to VDD+0.5V
Ambient Operating Temperature
0°C to 70°C
Storage Temperature
-65°C to 150°C
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any conditions beyond those listed in the
DC Character-
istics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product
reliability.
TABLE 5C. LVCMOS DC CHARACTERISTICS, VDDI=VDDA=3.3V±5%, VDDO=1.8V±5%, TA=0°C TO 70°C
TABLE 5B. DIFFERENTIAL DC CHARACTERISTICS, VDDI=VDDA=3.3V±5%, VDDO=1.8V±5%, TA=0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
H
I
Ve
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
,
1
L
E
S
_
V
I
D
,
0
L
E
S
_
V
I
D
,
L
E
S
_
L
L
P
,
L
E
S
_
F
E
R
R
M
,
V
I
D
_
F
E
R
25
6
7
.
3V
L
I
Ve
g
a
t
l
o
V
w
o
L
t
u
p
n
I
,
1
L
E
S
_
V
I
D
,
0
L
E
S
_
V
I
D
,
L
E
S
_
L
L
P
,
L
E
S
_
F
E
R
R
M
,
V
I
D
_
F
E
R
3
.
0
-8
.
0V
H
I
It
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
,
1
L
E
S
_
V
I
D
,
0
L
E
S
_
V
I
D
R
M
,
L
E
S
_
F
E
R
,
V
I
D
_
F
E
R
V
5
6
4
.
3
=
N
I
V0
5
1A
µ
L
E
S
_
L
L
PV
5
6
4
.
3
=
N
I
V5
A
µ
L
I
It
n
e
r
r
u
C
w
o
L
t
u
p
n
I
,
1
L
E
S
_
V
I
D
,
0
L
E
S
_
V
I
D
R
M
,
L
E
S
_
F
E
R
,
V
I
D
_
F
E
R
V
0
=
N
I
V5
-A
µ
L
E
S
_
L
L
PV
0
=
N
I
V0
5
1
-A
µ
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
H
I
It
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
,
2
K
L
C
_
F
E
R
,
1
K
L
C
_
F
E
R
N
I
_
B
F
V
5
6
4
.
3
=
N
I
V0
5
1A
µ
,
2
K
L
C
_
F
E
R
n
,
1
K
L
C
_
F
E
R
n
N
I
_
B
F
n
V
5
6
4
.
3
=
N
I
V5
A
µ
L
I
It
n
e
r
r
u
C
w
o
L
t
u
p
n
I
,
2
K
L
C
_
F
E
R
,
1
K
L
C
_
F
E
R
N
I
_
B
F
V
0
=
N
I
V5
-A
µ
N
I
_
B
F
n
,
2
F
E
R
n
,
1
F
E
R
nV
0
=
N
I
V0
5
1
-A
µ
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
A
n
i
R
M
C
V
d
n
a
P
P
V
e
e
s
,
s
l
e
v
e
l
t
u
p
n
i
2
K
L
C
_
F
E
R
n
,
2
K
L
C
_
F
E
R
d
n
a
1
K
L
C
_
F
E
R
n
,
1
K
L
C
_
F
E
R
r
o
F
:
E
T
O
N
.
e
l
b
a
t



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com