Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8725Y Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8725Y
Description  DIFFERENTIAL-TO-LVHSTL ZERO DELAY BUFFER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8725Y Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8725Y Datasheet HTML 1Page - Integrated Circuit Systems ICS8725Y Datasheet HTML 2Page - Integrated Circuit Systems ICS8725Y Datasheet HTML 3Page - Integrated Circuit Systems ICS8725Y Datasheet HTML 4Page - Integrated Circuit Systems ICS8725Y Datasheet HTML 5Page - Integrated Circuit Systems ICS8725Y Datasheet HTML 6Page - Integrated Circuit Systems ICS8725Y Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
8725
www.icst.com/products/hiperclocks.html
REV. A MARCH 5, 2001
1
Integrated
Circuit
Systems, Inc.
ICS8725
1-TO-5
DIFFERENTIAL-TO-LVHSTL ZERO DELAY BUFFER
PRELIMINARY
GENERAL DESCRIPTION
The ICS8725 is a high performance LVHSTL
zero delay buffer and a member of the
HiPerClockS™ family of High Performance
Clocks Solutions from ICS. The VCO operates
at a frequency range of 250MHz to 500MHz.
Utilizing one of the outputs as feedback to the PLL output
frequencies up to 500MHz can be regenerated with zero
delay with respect to the input. Dual reference clock inputs
support redundant clock or multiple reference applications.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• Fully integrated PLL
• 5 LVHSTL outputs each with the ability to drive 50Ω to
ground
• Voh (max) = 1.2V
• 31.25MHz to 500MHz output frequency range
• Spread Smart™ for regenerating spread spectrum clocks
• Differential reference clock inputs accept any differential
input signal
•· Differential reference clock inputs will accept single ended
input signal with one of the inputs biased with a resistor
network
• 31.25MHz to 622MHz input frequency range
• LVCMOS / LVTTL control inputs
• 3.3V core, 1.8V output operating supply voltage
• 32 lead low-profile QFP (LQFP), 7mm x 7mm x 1.4mm
package body, 0.8mm package lead pitch
• 0°C to 70°C ambient operating temperature
• Industrial temperature version available upon request
HiPerClockS™
,&6
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
DIV_SEL0
DIV_SEL1
REF_CLK1
nREF_CLK1
REF_CLK2
nREF_CLK2
REF_SEL
REF_DIV
FB_IN
nFB_IN
PLL_SEL
MR
0
1
PLL
÷1
÷2
÷4
÷8
0
1
÷8
0
1
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VDDO
Q3
nQ3
Q2
nQ2
Q1
nQ1
VDDO
DIV_SEL0
DIV_SEL1
REF_CLK1
nREF_CLK1
REF_CLK2
nREF_CLK2
REF_SEL
MR
32-Lead LQFP
Y Package
Top View
ICS8725


Similar Part No. - ICS8725Y

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8725B-01 RENESAS-ICS8725B-01 Datasheet
873Kb / 20P
ICS8725B-01
JULY 16, 2009
ICS8725BM-21LF RENESAS-ICS8725BM-21LF Datasheet
536Kb / 16P
Differential-To-HSTL Zero Delay Clock Generator
REVISION 1 11/12/15
ICS8725BM-21LFT RENESAS-ICS8725BM-21LFT Datasheet
536Kb / 16P
Differential-To-HSTL Zero Delay Clock Generator
REVISION 1 11/12/15
More results

Similar Description - ICS8725Y

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8602 ICST-ICS8602 Datasheet
148Kb / 10P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL
REV. F APRIL 16, 2003
ICS8624 ICST-ICS8624 Datasheet
288Kb / 16P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL ZERO DELAY BUFFER
REV. C JUNE 15, 2004
ICS86953I-147 ICST-ICS86953I-147 Datasheet
269Kb / 13P
DIFFERENTIAL-TO-LVCMOS / LVTTL ZERO DELAY BUFFER
REV. B APRIL 23, 2004
logo
Integrated Device Techn...
ICS87951I-147 IDT-ICS87951I-147 Datasheet
635Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TOLVCMOS ZERO DELAY BUFFER
ICS8624I IDT-ICS8624I Datasheet
182Kb / 16P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL ZERO DELAY BUFFER
ICS87951I IDT-ICS87951I Datasheet
191Kb / 14P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY BUFFER
logo
Asahi Kasei Microsystem...
AK8122V AKM-AK8122V Datasheet
265Kb / 9P
Differential Zero Delay Clock Buffer
AK8122E AKM-AK8122E Datasheet
265Kb / 9P
Differential Zero Delay Clock Buffer
AK8122 AKM-AK8122 Datasheet
265Kb / 9P
Differential Zero Delay Clock Buffer
logo
Renesas Technology Corp
ICS86953I-147 RENESAS-ICS86953I-147 Datasheet
171Kb / 14P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVCMOS / LVTTL ZERO DELAY BUFFER
2010
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com