Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4998S8 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4998S8
Description  High Performance Programmable Single/Dual Linear Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998S8 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4998S8 Datasheet HTML 1Page - Infineon Technologies AG TLE4998S8 Datasheet HTML 2Page - Infineon Technologies AG TLE4998S8 Datasheet HTML 3Page - Infineon Technologies AG TLE4998S8 Datasheet HTML 4Page - Infineon Technologies AG TLE4998S8 Datasheet HTML 5Page - Infineon Technologies AG TLE4998S8 Datasheet HTML 6Page - Infineon Technologies AG TLE4998S8 Datasheet HTML 7Page - Infineon Technologies AG TLE4998S8 Datasheet HTML 8Page - Infineon Technologies AG TLE4998S8 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TLE4998S8(D)
Overview
Data Sheet
5
Revision1.1,2017-07
1.2
Target Applications
Robust replacement of potentiometers: No mechanical abrasion, resistant to humidity, temperature, pollution
and vibration
Linear and angular position sensing in automotive and industrial applications with highest accuracy
requirements
Suited for safety applications such as pedal position, throttle position and steering torque sensing
1.3
Pin Configuration
Figure 1-2 shows the location of the Hall elements in the package and the pin configuration of the TLE4998S8(D).
Figure 1-2
Pin Configuration of PG-TDSO-8 package
Table 1-2
TLE4998S8(D) Pin Definitions and Functions
Pin No.
Symbol
TLE4998S8 Function
TLE4998S8D Function
1
TST
Test pin (connection to GND is
recommended)
Test pin (top die, connection to GND is
recommended)
2
V
DD
Supply voltage / programming interface
Supply voltage / programming interface
(top die)
3
GND
Ground
Ground (top die)
4
OUT
Output / programming interface
Output / programming interface (top die)
5
OUT
Not connected
Output / programming interface (bottom
die)
6
GND
Not connected
Ground (bottom die)
7
V
DD
Not connected
Supply voltage / programming interface
(bottom die)
8
TST
Not connected
Test pin (bottom die, connection to GND is
recommended)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com