Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4998S8 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4998S8
Description  High Performance Programmable Single/Dual Linear Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998S8 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4998S8 Datasheet HTML 5Page - Infineon Technologies AG TLE4998S8 Datasheet HTML 6Page - Infineon Technologies AG TLE4998S8 Datasheet HTML 7Page - Infineon Technologies AG TLE4998S8 Datasheet HTML 8Page - Infineon Technologies AG TLE4998S8 Datasheet HTML 9Page - Infineon Technologies AG TLE4998S8 Datasheet HTML 10Page - Infineon Technologies AG TLE4998S8 Datasheet HTML 11Page - Infineon Technologies AG TLE4998S8 Datasheet HTML 12Page - Infineon Technologies AG TLE4998S8 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TLE4998S8(D)
Operating Range
Data Sheet
9
Revision1.1,2017-07
4
Operating Range
The following operating conditions must not be exceeded in order to ensure correct operation of the
TLE4998S8(D). All parameters specified in the following sections refer to these operating conditions and each of
the implemented sensors IC’s if applicable or unless otherwise indicated.
Note: Keeping signal levels within the limits specified in this table ensures operation without overload conditions.
Table 4-1
Operating Range
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply voltage
VDD
4.5
5.5
V
4.1
161)2)
1) For supply voltages > 12 V, a series resistance Rseries ≥100 Ω is recommended
2) The open drain switch off, due to overvoltage on the VDD line, can take place in the range of 16.65 V to 18.35 V, as defined
in Chapter 9.1 of the data sheet.
V
Extended range
Supply undervoltage
VDDuv
VDDpon
3)
3) VDDpon ... power-on reset level, see Table 5-1
4.1
V
Undervoltage range, reduced
magnetic performance (see
Table 5-3)
Output pull-up voltage4)
4) Output protocol characteristics depend on these parameters, RL must be according to max. output current
Vpull-up
––
18.35
V
Load resistance4)
RL
1–
kΩ
Output current4)
Iout
0–
5
mA
Load capacitance4)
CL
1–
8
nF
Ambient temperature5)
5) RTHja ≤ 150 K/W.
TA
-40
125
°C
max. 1200 h at 125°C6)
6) Maximum exposure time at other ambient temperatures between -40°C and 125°C shall be calculated based on the values
specified in this table using the Arrhenius model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com