Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4998S8 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4998S8
Description  High Performance Programmable Single/Dual Linear Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998S8 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4998S8 Datasheet HTML 3Page - Infineon Technologies AG TLE4998S8 Datasheet HTML 4Page - Infineon Technologies AG TLE4998S8 Datasheet HTML 5Page - Infineon Technologies AG TLE4998S8 Datasheet HTML 6Page - Infineon Technologies AG TLE4998S8 Datasheet HTML 7Page - Infineon Technologies AG TLE4998S8 Datasheet HTML 8Page - Infineon Technologies AG TLE4998S8 Datasheet HTML 9Page - Infineon Technologies AG TLE4998S8 Datasheet HTML 10Page - Infineon Technologies AG TLE4998S8 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TLE4998S8(D)
General
Data Sheet
7
Revision1.1,2017-07
2.3
Principle of Operation
A magnetic flux is measured by a Hall-effect cell
The output signal from the Hall-effect cell is converted from analog to digital signals
The chopped Hall-effect cell and continuous-time A/D conversion ensure a very low and stable magnetic offset
A programmable low-pass filter to reduce noise
The temperature is measured and A/D converted
Temperature compensation is done digitally using a second-order function
Digital processing of the output value is based on zero field and sensitivity value
The output value range can be clamped by digital limiters
The final output value is represented by the data nibbles of the SENT protocol
2.4
Transfer Functions
The examples in Figure 2-2 show how different magnetic field ranges can be mapped to the desired output value
ranges.
Polarity Mode:
– Bipolar: Magnetic fields can be measured in both orientations. The limit points do not necessarily have to
be symmetrical around the zero field point
– Unipolar: Only north- or south-oriented magnetic fields are measured
Inversion: Both gain can be set to positive values, negative values or positive/negative values.
Figure 2-2
Examples of Operation
0
4095 /
65535
50
-50
100
-100
200
-200
OUT12 /
OUT16
0
0
B (mT)
B (mT)
B (mT)
0
0
0
OUT12 /
OUT16
OUT12 /
OUT16
4095 /
65535
4095 /
65535
Example 1:
-Bipolar
Example 2:
-Unipolar
-Big offset
Example 3:
- Bipolar
- Inverted (neg. gain)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com