Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC904FD Datasheet(PDF) 41 Page - NXP Semiconductors

Part # P89LPC904FD
Description  8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC904FD Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button P89LPC904FD Datasheet HTML 33Page - NXP Semiconductors P89LPC904FD Datasheet HTML 34Page - NXP Semiconductors P89LPC904FD Datasheet HTML 35Page - NXP Semiconductors P89LPC904FD Datasheet HTML 36Page - NXP Semiconductors P89LPC904FD Datasheet HTML 37Page - NXP Semiconductors P89LPC904FD Datasheet HTML 38Page - NXP Semiconductors P89LPC904FD Datasheet HTML 39Page - NXP Semiconductors P89LPC904FD Datasheet HTML 40Page - NXP Semiconductors P89LPC904FD Datasheet HTML 41Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 41 / 41 page
background image
© Koninklijke Philips Electronics N.V. 2004.
Printed in the U.S.A.
All rights are reserved. Reproduction in whole or in part is prohibited without the prior
written consent of the copyright owner.
The information presented in this document does not form part of any quotation or
contract, is believed to be accurate and reliable and may be changed without notice. No
liability will be accepted by the publisher for any consequence of its use. Publication
thereof does not convey nor imply any license under patent- or other industrial or
intellectual property rights.
Date of release: 25 June 2004
Document order number: 9397 750 13521
Contents
Philips Semiconductors
P89LPC904
8-bit microcontrollers with two-clock accelerated 80C51 core
1
General description . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2.1
Principal features . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2.2
Additional features . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . 3
3.1
Ordering options . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
4
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
5
Pinning information. . . . . . . . . . . . . . . . . . . . . . . . . . . 5
5.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
5.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
6
Logic symbols . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
7
Special function registers. . . . . . . . . . . . . . . . . . . . . . 8
8
Functional description . . . . . . . . . . . . . . . . . . . . . . . 13
8.1
Enhanced CPU . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
8.2
Clocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
8.2.1
Clock definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
8.2.2
CPU clock (CCLK) . . . . . . . . . . . . . . . . . . . . . . . . . . 13
8.3
On-chip RC oscillator option . . . . . . . . . . . . . . . . . . 13
8.4
Watchdog oscillator option . . . . . . . . . . . . . . . . . . . . 13
8.5
External clock input option . . . . . . . . . . . . . . . . . . . . 14
8.6
CPU CLock (CCLK) wake-up delay . . . . . . . . . . . . . 15
8.7
CPU CLOCK (CCLK) modification: DIVM register . . 15
8.8
Low power select . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
8.9
A/D converter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
8.9.1
General description . . . . . . . . . . . . . . . . . . . . . . . . . 16
8.9.2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
8.9.3
A/D operating modes . . . . . . . . . . . . . . . . . . . . . . . . 17
8.9.4
Conversion start modes . . . . . . . . . . . . . . . . . . . . . . 18
8.9.5
Boundary limits interrupt . . . . . . . . . . . . . . . . . . . . . 19
8.9.6
DAC output to a port pin with high output impedance 19
8.9.7
Clock divider. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
8.9.8
Power-down and idle mode . . . . . . . . . . . . . . . . . . . 19
8.10
Memory organization . . . . . . . . . . . . . . . . . . . . . . . . 19
8.11
Data RAM arrangement . . . . . . . . . . . . . . . . . . . . . . 19
8.12
Interrupts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
8.12.1
External interrupt inputs . . . . . . . . . . . . . . . . . . . . . . 20
8.13
I/O ports . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
8.13.1
Port configurations . . . . . . . . . . . . . . . . . . . . . . . . . . 21
8.13.2
Quasi-bidirectional output configuration. . . . . . . . . . 22
8.13.3
Open-drain output configuration. . . . . . . . . . . . . . . . 22
8.13.4
Input-only configuration . . . . . . . . . . . . . . . . . . . . . . 22
8.13.5
Push-pull output configuration . . . . . . . . . . . . . . . . . 22
8.13.6
Port 0 analog functions . . . . . . . . . . . . . . . . . . . . . . 22
8.13.7
Additional port features . . . . . . . . . . . . . . . . . . . . . . 23
8.14
Power monitoring functions . . . . . . . . . . . . . . . . . . . 23
8.14.1
Brownout detection . . . . . . . . . . . . . . . . . . . . . . . . . 23
8.14.2
Power-on detection . . . . . . . . . . . . . . . . . . . . . . . . . 23
8.15
Power reduction modes . . . . . . . . . . . . . . . . . . . . . . 23
8.15.1
Idle mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
8.15.2
Power-down mode . . . . . . . . . . . . . . . . . . . . . . . . . . 24
8.15.3
Total Power-down mode . . . . . . . . . . . . . . . . . . . . . . 24
8.16
Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
8.17
Timers/counters 0 and 1 . . . . . . . . . . . . . . . . . . . . . 25
8.17.1
Mode 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
8.17.2
Mode 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
8.17.3
Mode 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
8.17.4
Mode 3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
8.18
Real-Time clock/system timer. . . . . . . . . . . . . . . . . . 25
8.19
UART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
8.19.1
Mode 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
8.19.2
Mode 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
8.19.3
Mode 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
8.19.4
Mode 3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
8.19.5
Baud rate generator and selection . . . . . . . . . . . . . . 26
8.19.6
Framing error . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
8.19.7
Break detect . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
8.19.8
Double buffering . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
8.19.9
Transmit interrupts with double buffering
enabled (Modes 1, 2 and 3) . . . . . . . . . . . . . . . . . . . 27
8.19.10
The 9th bit (bit 8) in double buffering (Modes 1, 2 and
3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
8.20
Analog comparators . . . . . . . . . . . . . . . . . . . . . . . . . 28
8.21
Internal reference voltage . . . . . . . . . . . . . . . . . . . . . 28
8.22
Comparator interrupt. . . . . . . . . . . . . . . . . . . . . . . . . 29
8.23
Comparator and power reduction modes . . . . . . . . . 29
8.24
Keypad interrupt (KBI) . . . . . . . . . . . . . . . . . . . . . . . 29
8.25
Watchdog timer. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
8.26
Additional features . . . . . . . . . . . . . . . . . . . . . . . . . . 30
8.26.1
Software reset. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
8.26.2
Dual data pointers. . . . . . . . . . . . . . . . . . . . . . . . . . . 30
8.27
Flash program memory. . . . . . . . . . . . . . . . . . . . . . . 31
8.27.1
General description. . . . . . . . . . . . . . . . . . . . . . . . . . 31
8.27.2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
8.27.3
Flash organization . . . . . . . . . . . . . . . . . . . . . . . . . . 31
8.27.4
Flash programming and erasing . . . . . . . . . . . . . . . . 31
8.27.5
In-circuit programming (ICP). . . . . . . . . . . . . . . . . . . 31
8.27.6
In-application programming . . . . . . . . . . . . . . . . . . . 32
8.27.7
Using flash as data storage . . . . . . . . . . . . . . . . . . . 32
8.27.8
User configuration bytes . . . . . . . . . . . . . . . . . . . . . . 32
8.27.9
User sector security bytes . . . . . . . . . . . . . . . . . . . . 32
9
Limiting values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
10
Static characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 34
11
Dynamic characteristics . . . . . . . . . . . . . . . . . . . . . . 36
12
Comparator electrical characteristics . . . . . . . . . . . 37
13
Package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
14
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
15
Data sheet status . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
16
Definitions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
17
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com