Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPA2164ASOF Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LPA2164ASOF
Description  6W Class- F Audio Amplifier With Boost Convertor Integrated
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPA2164ASOF Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

Back Button LPA2164ASOF Datasheet HTML 2Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 3Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 4Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 5Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 6Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 7Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 8Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 9Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 10Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Preliminary Datasheet
LPA2164A
LPA2164A–00
Version 1.0 May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 15
Typical Operating Characteristic For Amplifier
Audio Precision
A-A FREQ RESP FAST @ 4ohm PO=4.8W CLASS AB VDD=6V.ats2
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Cyan
Solid
1
Analyzer.Level A
Left
1
2
Blue
Solid
7
Analyzer.Level B
Right
Rapid (<2 seconds) frequency response measurement.
Can be even faster if the lowest frequencies are not included.
Press F4 to set the 1kHz dbr A and dBr B reference.
Optimize for a detailed view.
+0
+30
+5
+10
+15
+20
+25
d
B
r
B
+0
+30
+5
+10
+15
+20
+25
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Audio Precision
A-A FREQ RESP FAST @ 4ohm PO=4.8W CLASS D VDD=6V.ats2
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Cyan
Solid
1
Analyzer.Level A
Left
1
2
Blue
Solid
7
Analyzer.Level B
Right
Rapid (<2 seconds) frequency response measurement.
Can be even faster if the lowest frequencies are not included.
Press F4 to set the 1kHz dbr A and dBr B reference.
Optimize for a detailed view.
+0
+30
+5
+10
+15
+20
+25
d
B
r
B
+0
+30
+5
+10
+15
+20
+25
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com