Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPA2164ASOF Datasheet(PDF) 14 Page - Lowpower Semiconductor inc

Part # LPA2164ASOF
Description  6W Class- F Audio Amplifier With Boost Convertor Integrated
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPA2164ASOF Datasheet(HTML) 14 Page - Lowpower Semiconductor inc

Back Button LPA2164ASOF Datasheet HTML 7Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 8Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 9Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 10Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 11Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 12Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 13Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 14Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 15Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Preliminary Datasheet
LPA2164A
LPA2164A–00
Version 1.0 May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 14 of 15
Case2: Bluetooth Speaker Box with Power Bank—— Charge(1A) +Boost(2A) +(2×5W) Class F Amplifier
16
14
5
6
9
7
13
11
12
10
2
3
FB
SW
SD
BYP
MODE
IN-
OUT+
VDD
GND
OUT-
VIN
EN
LPA2164A
C1
C2
104
22uF
L1
4.7uH
SS34
C3
C5
470uF
C4
10uF
104
C6
22pF
OPTIONAL
R2
ON
OFF
AB
ON
OFF
C7
105
INL-
C11
105
SPEAKER
8
IN+
17
C9
R6
PGND
4
AGND
C12
105
D
R1
SD
MODE
CHRG_S
ACIN
BATT
LP28019SPF
ISETA
GND
6
5
4,9
2
1
Rset
Battery
CHARGE
VIN
C18
22uF
C19
10uF
R11
1KΩ
LED
16
14
5
6
9
7
13
11
12
10
2
3
FB
SW
SD
BYP
MODE
IN-
OUT+
VDD
GND
OUT-
VIN
EN
LPA2164A
C12
C22
104
22uF
L12
4.7uH
SS34
C32
C52
470uF
C42
10uF
104
C62
22pF
OPTIONAL
R22
ON
OFF
AB
ON
OFF
C72
105
C112
105
SPEAKER
8 IN+
C42
17
C92
R62
PGND
4
AGND
C122
105
D
R12
INR+
INR-
LX
VIN
EN
VREFN
VOUT
FB
LP6253H
CIN
R2
R1
Power Bank
Output:5V
COUT
Chip
Enable
2.2nF
2Ω
L
VBUS
D+
D-
GND
7,8
6
5
4
1,2
3
9
C8
R61
R612
10nF
10R
10nF
10R
INL+
Classical Application
Charger
Boost
Amplifier
LP28056S(1A Linear Charger, ESOP8)
LP6253H(2.4A Synchronous Boost, ESOP8)
LPA2173(8W Class_F, EQ, ESOP8)
LP28019(1A Linear Charger, ESOP8)
LP6212(2A Boost, ESOP8 & SOT23-6)
LPA2174(8W Differential Input, ESOP8)
LP28301(5A Switch Charger, QFN28)
LP6255(External MOS, Syn, TQFN-20)
LPA2164A(6W Class_F with Boost, EQ,
SOP16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com