Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPA2164ASOF Datasheet(PDF) 10 Page - Lowpower Semiconductor inc

Part # LPA2164ASOF
Description  6W Class- F Audio Amplifier With Boost Convertor Integrated
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPA2164ASOF Datasheet(HTML) 10 Page - Lowpower Semiconductor inc

Back Button LPA2164ASOF Datasheet HTML 6Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 7Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 8Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 9Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 10Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 11Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 12Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 13Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 14Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Preliminary Datasheet
LPA2164A
LPA2164A–00
Version 1.0 May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 10 of 15
Applications Information(for Amplifier)
Maximum Gain
The LPA2164A has two internal amplifier stages.
The first stage's gain is externally configurable, while
the second stage's is internally fixed. The
closed-loop gain of the first stage is set by selecting
the ratio of Rf to Ri while the second stage's gain is
fixed at 2x.The output of amplifier serves as the input
to amplifier 2, thus the two amplifiers produce signals
identical in magnitude, but different in phase by 180°.
Consequently, the differential gain for the IC is
Av=20*log [2*(Rf/Ri)]
The LPA2164A sets maximum:
Rf= 280 k ±10%
Class-AB
Rf= 280 k ±10%
Class-D
Shutdown operation
In order to reduce power consumption while not in
use, the LPA2164A contains shutdown circuitry to
turn off the amplifier's bias circuitry. This shutdown
feature turns the amplifier off when logic high is
applied to the SD pin. By switching the SD pin
connected to high voltage, the LPA2164A supply
current draw will be minimized in idle mode.
Power supply decoupling
The LPA2164A is a high performance CMOS audio
amplifier that requires adequate power supply
decoupling to ensure the output THD and PSRR a
low as possible. Power supply decoupling affects low
frequency response. Optimum decoupling is
achieved by using two capacitors of different types
targeting to different types of noise on the power
supply leads. For higher frequency transients, spikes,
or digital hash on the line, a good low
equivalent-series-resistance
(ESR)
ceramic
capacitor, typically 1.0ì
F, works best, placing it as
close as possible to the device VDD terminal. For
filtering lower- frequency noise signals, a large
capacitor
of
20ì
F
(ceramic)
or
greater is
recommended, placing it near the audio power
amplifier.
Short Circuit Protection (SCP)
The LPA2164A has short circuit protection circuitry
on the outputs to prevent damage to the device when
output-to-output or output-to-GND short occurs.
When a short circuit is detected on the outputs, the
outputs are disabled immediately. If the short was
removed, the device activates again.
Over Temperature Protection
Thermal protection on the LPA2164A prevents the
device from damage when the internal die
temperature exceeds 150℃. There is a 15 degree
tolerance on this trip point from device to device.
Once the die temperature exceeds the thermal set
point, the device outputs are disabled. This is not a
latched fault. The thermal fault is cleared once the
temperature of the die is reduced by 30℃. This large
hysteresis will prevent motor boating sound well and
the device begins normal operation at this point
without external system intervention.
Analog Reference Bypass Capacitor (CBYP)
In addition to system cost and size, click and pop
performance is affected by the size of the input
coupling capacitor, CBYP. A larger input coupling
capacitor requires more charge to reach its quiescent
DC voltage (nominally 1/2 VDD). This charge comes
from the internal circuit via the feedback and is apt to
create pops upon device enable. Thus, by minimizing
the capacitor size based on necessary low frequency
response, turn-on pops can be minimized.
The Analog Reference Bypass Capacitor (CBYP) is
the most critical capacitor and serves several
important functions. During start-up or recovery from
shutdown mode, CBYP determines the rate at which
the amplifier starts up. The second function is to
reduce noise caused by the power supply coupling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com