Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPA2164ASOF Datasheet(PDF) 11 Page - Lowpower Semiconductor inc

Part # LPA2164ASOF
Description  6W Class- F Audio Amplifier With Boost Convertor Integrated
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPA2164ASOF Datasheet(HTML) 11 Page - Lowpower Semiconductor inc

Back Button LPA2164ASOF Datasheet HTML 7Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 8Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 9Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 10Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 11Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 12Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 13Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 14Page - Lowpower Semiconductor inc LPA2164ASOF Datasheet HTML 15Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Preliminary Datasheet
LPA2164A
LPA2164A–00
Version 1.0 May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 11 of 15
into the output drive signal. This noise is from the
internal analog reference to the amplifier, which
appears as degraded PSRR and THD+N.
How to reduce EMI
A simple solution is to put an additional capacitor
220pF at power supply terminal for power line. The
traces from amplifier to speakers should design as
short as we can.
Applications Information(for Boost)
The LP2164A integrates a 1200KHz fixed frequency,
current-mode regulation architecture to regulate the
boost convertor output voltage. The LP2164A
measures the output voltage through an external
resistive voltage divider and compares that to the
internal 0.6V reference to generate the error voltage
to the inductor current to regulate the output voltage.
The use of current-mode regulation improves
transient response and control loop stability.
When the boost convertor is disabled (EN=Low),
both power switches are off. There is no current path
from SW to OUT. Therefore, the output voltage
discharges to ground. When the boost convertor is
enabled (EN=High), a limited start-current charges
the output voltage rising to SW, then TH part
operates in force PWM mode for regulating the
output voltage to the target value. At the beginning of
each cycle, the N-channel MOSFET switch is turned
on, forcing the inductor current to rise. The current at
the source of the switch is internally measured and
converted to a voltage by the current sense amplifier.
That voltage is compared to the error voltage. When
the inductor current rises sufficiently, the PWM
comparator turns off the switch, forcing the inductor
current to the output capacitor which forces the
inductor current to decrease. The peak inductor
current is controlled by the error voltage. Thus the
output voltage controls the inductor current to satisfy
the lode.
Setting the Output Voltage
Set the output voltage by selecting the resistive
voltage divider ratio. The voltage divider drops the
output voltage to the 0.6V feedback voltage. Use a
100K resistor for R2 of the voltage divider. Determine
the high-side resistor R1 by the equation:
Vout=(R1/R2+1) x VFB
Vout=(R1/R2+1) x 0.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com