Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIT3521 Datasheet(PDF) 13 Page - SiTime Corp.

Part # SIT3521
Description  1 to 340 MHz Elite Platform I2C/SPI Programmable Oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT3521 Datasheet(HTML) 13 Page - SiTime Corp.

Back Button SIT3521 Datasheet HTML 9Page - SiTime Corp. SIT3521 Datasheet HTML 10Page - SiTime Corp. SIT3521 Datasheet HTML 11Page - SiTime Corp. SIT3521 Datasheet HTML 12Page - SiTime Corp. SIT3521 Datasheet HTML 13Page - SiTime Corp. SIT3521 Datasheet HTML 14Page - SiTime Corp. SIT3521 Datasheet HTML 15Page - SiTime Corp. SIT3521 Datasheet HTML 16Page - SiTime Corp. SIT3521 Datasheet HTML 17Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Rev 0.90
Page 13 of 44
www.sitime.com
SiT3521 1 to 340 MHz Elite™ I2C/SPI Programmable Oscillator
PRELIMINARY
Termination Diagrams (continued)
LVDS:
Z0 = 50
Ω
Z0 = 50
Ω
D+
D-
OUT+
OUT-
100
Ω
LVDS Driver
Receiver Device
VDD
Figure 12. LVDS Single Termination (Load Terminated)
HCSL:
Z0 = 50
Ω
Z0 = 50
Ω
D+
D-
OUT+
OUT-
HCSL Driver
Receiver Device
RS
50
Ω
RS = 10
Ω to 35 Ω
VDD
RS
50
Ω
Figure 13. HCSL Typical Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com