Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIT3521 Datasheet(PDF) 21 Page - SiTime Corp.

Part # SIT3521
Description  1 to 340 MHz Elite Platform I2C/SPI Programmable Oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT3521 Datasheet(HTML) 21 Page - SiTime Corp.

Back Button SIT3521 Datasheet HTML 17Page - SiTime Corp. SIT3521 Datasheet HTML 18Page - SiTime Corp. SIT3521 Datasheet HTML 19Page - SiTime Corp. SIT3521 Datasheet HTML 20Page - SiTime Corp. SIT3521 Datasheet HTML 21Page - SiTime Corp. SIT3521 Datasheet HTML 22Page - SiTime Corp. SIT3521 Datasheet HTML 23Page - SiTime Corp. SIT3521 Datasheet HTML 24Page - SiTime Corp. SIT3521 Datasheet HTML 25Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Rev 0.90
Page 21 of 44
www.sitime.com
SiT3521 1 to 340 MHz Elite™ I2C/SPI Programmable Oscillator
PRELIMINARY
8.2. DCO Functional Description
The DCO feature allows users to steer (pull) output
frequency by up to ±3200 ppm with 5 to 94 ppt resolution
through the I2C or SPI digital interface.
There are several advantages of DCO relative to analog
voltage control (VCXO)
a.
Frequency Control Resolution as low as 5 ppt. This
high resolution minimizes accumulated time error in
synchronization applications.
b.
Lower system cost – A VCXO may need a Digital to
Analog Converter (DAC) to drive the control voltage
input. In a DCO, the frequency control is achieved
digitally by register writes to the control registers via
I2C, thereby eliminating the need for a DAC.
c.
Better Noise Immunity – The analog signal used to
drive the voltage control pin of a VCXO can be
sensitive to noise and the trace over which the signal
is routed can be susceptible to noise coupling from
the system. The DCO does not suffer from analog
noise coupling since the frequency control is
performed digitally through I2C.
d.
No Frequency Pull non-linearity. The frequency
pulling is achieved via fractional feedback divider of
the PLL, eliminating any pull non-linearity concern
which is typical of quartz based VCXOs. This
improves dynamic performance in closed loop
operations.
e.
Programmable Wide Pull Range – The DCO pulling
mechanism is via the fractional feedback divider and
is therefore not constrained by resonator pullability
as in quartz based solutions. The SiT3521 offers 16
frequency pull range options from ±6.25ppm to
±3200ppm, thereby giving system designers great
flexibility.
In the DCO mode, the device powers up at the nominal
operating frequency and pull range specified by the
ordering code. After power-up both the pull range and
output frequency can be controlled via I2C/SPI writes to
the respective control registers. The maximum output
frequency change is constrained by the pull range limits.
The pull range is specified by the value loaded in the
digital pull range control register. The 16 pull range
choices are specified in the control register and range
from ±6.25ppm to ±3200ppm.
Table 22 below shows the frequency resolution vs. pull
range programmed value.
Table 22. Frequency Resolution vs. Pull Range
Programmed Pull Range
Frequency Precision
±25ppm
5x10-12
±50ppm
5x10-12
±80ppm
5x10-12
±100ppm
5x10-12
±125ppm
5x10-12
±150ppm
5x10-12
±200ppm
5x10-12
±400ppm
1x10-11
±600ppm
1.4x10-11
±800ppm
2.1x10-11
±1200ppm
3.2x10-11
±1600ppm
4.7x10-11
±3200ppm
9.4x10-11
The ppm frequency offset is specified by the 26-bit DCO
Frequency control register in two’s complement format as
described in the I2C/SPI Register Descriptions. The power
up default value is
00000000000000000000000000b
which sets the output frequency at its nominal value
(0ppm). To change the output frequency, a frequency
control word is written to 0x00[15:0] (Least Significant
Word) and 0x01[9:0] (Most Significant Word). The LSW
value should be written first followed by the MSW value;
the frequency change is initiated after the MSW value is
written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com