Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIT3521 Datasheet(PDF) 37 Page - SiTime Corp.

Part # SIT3521
Description  1 to 340 MHz Elite Platform I2C/SPI Programmable Oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT3521 Datasheet(HTML) 37 Page - SiTime Corp.

Back Button SIT3521 Datasheet HTML 33Page - SiTime Corp. SIT3521 Datasheet HTML 34Page - SiTime Corp. SIT3521 Datasheet HTML 35Page - SiTime Corp. SIT3521 Datasheet HTML 36Page - SiTime Corp. SIT3521 Datasheet HTML 37Page - SiTime Corp. SIT3521 Datasheet HTML 38Page - SiTime Corp. SIT3521 Datasheet HTML 39Page - SiTime Corp. SIT3521 Datasheet HTML 40Page - SiTime Corp. SIT3521 Datasheet HTML 41Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
Rev 0.90
Page 37 of 44
www.sitime.com
SiT3521 1 to 340 MHz Elite™ I2C/SPI Programmable Oscillator
PRELIMINARY
The SiT3521 can support all four operating modes. By
default, modes 0 and 3 are supported, but modes 1 and 2
can be supported in the future.
The serial byte interface format is shown below: 8-bit
command (read or write), 8-bit SPI address and 16-bit data.
The serial order is most significant bit (MSB) first. The SPI
protocol also supports auto address incrementing which
means the address will automatically increment after the
first transaction. Auto address incrementing will result in
higher data throughput when writing to registers with
contiguous addresses. If it is required to write to non-
contiguous addresses, a write command and register
address must be used for each transaction after the
delay (125 us min). Without such delay, the device will
consider command and address bytes as a data for the
consequent register.
The detail register descriptions are covered in the I2C/SPI
Control Registers.
A description of DCO control is in DCO Functional
Description and a description of changing the output center
frequency is in any-frequency Functional Description.
The below Figure 36 shows the timing diagram for modes
0 and 3.
Address[7:0]
Command[7:0]
Data[15:0]
WRITE: 57h
READ: A5h
00: DCXO Frequency Control
01: DCXO Frequency Control, OE
02: DCXO Pull Range Control
03: PFM Control
04: PFM Control
05: PLL Post Divider Control
Differential Drive Strength
06: Differential Driver Control
Figure 35. SPI control word format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com