Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIT3521 Datasheet(PDF) 2 Page - SiTime Corp.

Part # SIT3521
Description  1 to 340 MHz Elite Platform I2C/SPI Programmable Oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT3521 Datasheet(HTML) 2 Page - SiTime Corp.

  SIT3521 Datasheet HTML 1Page - SiTime Corp. SIT3521 Datasheet HTML 2Page - SiTime Corp. SIT3521 Datasheet HTML 3Page - SiTime Corp. SIT3521 Datasheet HTML 4Page - SiTime Corp. SIT3521 Datasheet HTML 5Page - SiTime Corp. SIT3521 Datasheet HTML 6Page - SiTime Corp. SIT3521 Datasheet HTML 7Page - SiTime Corp. SIT3521 Datasheet HTML 8Page - SiTime Corp. SIT3521 Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Rev 0.90
Page 2 of 44
www.sitime.com
SiT3521 1 to 340 MHz Elite™ I2C/SPI Programmable Oscillator
PRELIMINARY
Table of Contents
Description................................................................................................................................................................................... 1
Features....................................................................................................................................................................................... 1
Applications ................................................................................................................................................................................. 1
Block Diagram ............................................................................................................................................................................. 1
1 Electrical Characteristics......................................................................................................................................................... 3
2 Device Configurations and Pin-outs........................................................................................................................................ 8
3 Waveform Diagrams ............................................................................................................................................................. 10
4 Termination Diagrams........................................................................................................................................................... 12
5 Test Circuit Diagrams ........................................................................................................................................................... 14
6 Architecture Overview........................................................................................................................................................... 16
7 Functional Overview ............................................................................................................................................................. 16
8 In-system Programmable Functional Description.................................................................................................................. 17
8.1. Any-frequency function ............................................................................................................................................. 17
8.2. DCO Functional Description ..................................................................................................................................... 21
8.3. Software OE Functional Description ......................................................................................................................... 25
9 I2C/SPI Control Registers...................................................................................................................................................... 26
10 I2C Operation ........................................................................................................................................................................ 32
10.1. I2C protocol ............................................................................................................................................................... 32
10.2. I2C Timing Specification............................................................................................................................................ 34
10.3. I2C Device Address Modes ....................................................................................................................................... 35
11 SPI Operation ....................................................................................................................................................................... 36
Ordering Information .................................................................................................................................................................. 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com