Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFC161RI Datasheet(PDF) 36 Page - Siemens Semiconductor Group

Part # SAFC161RI
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAFC161RI Datasheet(HTML) 36 Page - Siemens Semiconductor Group

Back Button SAFC161RI Datasheet HTML 32Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 33Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 34Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 35Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 36Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 37Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 38Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 39Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 40Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
Semiconductor Group
36
1998-05-01
C161RI
Notes
1) This specification is not valid for outputs which are switched to open drain mode. In this case the respective
output will float and the voltage results from the external circuitry.
2) The maximum current may be drawn while the respective signal line remains inactive.
3) The minimum current must be drawn in order to drive the respective signal line active.
4) This specification is only valid during Reset, or during Adapt-mode.
5) Not 100% tested, guaranteed by design characterization.
6) The supply current is a function of the operating frequency. This dependency is illustrated in the figure below.
These parameters are tested at
VDDmax and 20 MHz CPU clock with all outputs disconnected and all inputs at
VIL or VIH.
The oscillator also contributes to the total supply current. The given values refer to the worst case, i.e.
IPDRmax.
For lower oscillator frequencies the respective supply current can be reduced accordingly.
7) This parameter is tested including leakage currents. All inputs (including pins configured as inputs) at 0 V to
0.1 V or at
VDD – 0.1 V to VDD, VREF = 0 V, all outputs (including pins configured as outputs) disconnected.
8) Overload conditions under operating conditions occur if the voltage on the respective pin exceeds the specified
operating range (i.e.
VOV > VDD +0.5 V or VOV < VSS - 0.5 V). The absolute sum of input overload currents on
all port pins may not exceed 50 mA. The supply voltage (
VDD and VSS) must remain within the specified limits.
9) This parameter is determined mainly by the current consumed by the oscillator. This current, however, is
influenced by the external oscillator circuitry (crystal, capacitors). The values given for
IPDR refer to a typical
circuitry and may change in case of a not optimized external oscillator circuitry.
A typical value for
IPDR at room temperature and fCPU = 16 MHz is 300 µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com