Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFC161RI Datasheet(PDF) 45 Page - Siemens Semiconductor Group

Part # SAFC161RI
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAFC161RI Datasheet(HTML) 45 Page - Siemens Semiconductor Group

Back Button SAFC161RI Datasheet HTML 41Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 42Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 43Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 44Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 45Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 46Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 47Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 48Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 49Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
Semiconductor Group
45
1998-05-01
C161RI
RD to valid data in
(with RW-delay)
t
14
SR
–
43 +
t
C
–
2TCL - 20
+
t
C
ns
RD to valid data in
(no RW-delay)
t
15
SR
–
74 +
t
C
–
3TCL - 20
+
t
C
ns
ALE low to valid data in
t
16
SR
–
74
+
t
A + tC
–
3TCL - 20
+
t
A + tC
ns
Address to valid data in
t
17
SR
–
95
+ 2
t
A + tC
–
4TCL - 30
+ 2
t
A + tC
ns
Data hold after RD
rising edge
t
18
SR
0–0
–
ns
Data float after RD
t
19
SR
–
49 +
t
F
–
2TCL - 14
+
t
F
ns
Data valid to WR
t
22
CC
43 +
t
C
–
2TCL - 20
+
t
C
–ns
Data hold after WR
t
23
CC
49 +
t
F
–
2TCL - 14
+
t
F
–ns
ALE rising edge after RD,
WR
t
25
CC
49 +
t
F
–
2TCL - 14
+
t
F
–ns
Address hold after RD,
WR
t
27
CC
49 +
t
F
–
2TCL - 14
+
t
F
–ns
ALE falling edge to CS
t
38
CC
– 4 -
t
A
10 -
t
A
– 4 -
t
A
10 -
t
A
ns
CS low to Valid Data In
t
39
SR
–
74
+
t
C + 2tA
–
3TCL - 20
+
t
C + 2tA
ns
CS hold after RD, WR
t
40
CC
80 +
t
F
–
3TCL - 14
+
t
F
–ns
ALE fall. edge to RdCS,
WrCS (with RW delay)
t
42
CC
27 +
t
A
–TCL - 4
+
t
A
–ns
ALE fall. edge to RdCS,
WrCS (no RW delay)
t
43
CC
– 4 +
t
A
–-4
+
t
A
–ns
Address float after RdCS,
WrCS (with RW delay)
t
44
CC
–0–
0
ns
Address float after RdCS,
WrCS (no RW delay)
t
45
CC
–
31
–
TCL
ns
RdCS to Valid Data In
(with RW delay)
t
46
SR
–
39 +
t
C
–
2TCL - 24
+
t
C
ns
Parameter
Symbol
Max. CPU Clock
= 16 MHz
Variable CPU Clock
1/2TCL = 1 to 16 MHz
Unit
min.
max.
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com