Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFC161RI Datasheet(PDF) 57 Page - Siemens Semiconductor Group

Part # SAFC161RI
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAFC161RI Datasheet(HTML) 57 Page - Siemens Semiconductor Group

Back Button SAFC161RI Datasheet HTML 52Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 53Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 54Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 55Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 56Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 57Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 58Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 59Page - Siemens Semiconductor Group SAFC161RI Datasheet HTML 60Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
Semiconductor Group
57
1998-05-01
C161RI
AC Characteristics
CLKOUT and READY
V
DD = 4.5 - 5.5 V;
V
SS = 0 V
T
A = 0 to + 70 °C
for SAB-C161RI
T
A = – 40 to + 85 °C
for SAF-C161RI
C
L = 100 pF
Notes
1) These timings are given for test purposes only, in order to assure recognition at a specific clock edge.
2) Demultiplexed bus is the worst case. For multiplexed bus 2TCL are to be added to the maximum values. This
adds even more time for deactivating READY.
The 2tA and tC refer to the next following bus cycle, tF refers to the current bus cycle.
Parameter
Symbol
Max. CPU Clock
= 16 MHz
Variable CPU Clock
1/2TCL = 1 to 16 MHz
Unit
min.
max.
min.
max.
CLKOUT cycle time
t
29
CC
62
62
2TCL
2TCL
ns
CLKOUT high time
t
30
CC
25
–
TCL – 6
–
ns
CLKOUT low time
t
31
CC
21
–
TCL – 10
–
ns
CLKOUT rise time
t
32
CC
–4–
4
ns
CLKOUT fall time
t
33
CC
–4–
4
ns
CLKOUT rising edge to
ALE falling edge
t
34
CC
0 +
t
A
10 +
t
A
0 +
t
A
10 +
t
A
ns
Synchronous READY
setup time to CLKOUT
t
35
SR
14
–
14
–
ns
Synchronous READY
hold time after CLKOUT
t
36
SR
4–4
–
ns
Asynchronous READY
low time
t
37
SR
76
–
2TCL + 14
–
ns
Asynchronous READY
setup time 1)
t
58
SR
14
–
14
–
ns
Asynchronous READY
hold time 1)
t
59
SR
4–4
–
ns
Async. READY hold time
after RD, WR high
(Demultiplexed Bus) 2)
t
60
SR
01
+ 2
t
A + tC
+
t
F
2)
0TCL - 30
+ 2
t
A + tC + tF
2)
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com