Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8869W Datasheet(PDF) 28 Page - Monolithic Power Systems

Part # MP8869W
Description  3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869W Datasheet(HTML) 28 Page - Monolithic Power Systems

Back Button MP8869W Datasheet HTML 24Page - Monolithic Power Systems MP8869W Datasheet HTML 25Page - Monolithic Power Systems MP8869W Datasheet HTML 26Page - Monolithic Power Systems MP8869W Datasheet HTML 27Page - Monolithic Power Systems MP8869W Datasheet HTML 28Page - Monolithic Power Systems MP8869W Datasheet HTML 29Page - Monolithic Power Systems MP8869W Datasheet HTML 30Page - Monolithic Power Systems MP8869W Datasheet HTML 31Page - Monolithic Power Systems MP8869W Datasheet HTML 32Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
MP8869W
– 3V - 18V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8869W Rev. 1.02
www.MonolithicPower.com
28
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
The bit Retry OVP defines the protection mode
when OVP is triggered. When Retry OVP is set to
1, the part enters auto-recovery when OVP is
removed. When Retry OVP is set to the part
latches off once output OVP occurs, and VIN OVP
is triggered until VIN or EN are toggled.
The bit Hiccup OCP defines the over-current
protection mode. When Hiccup OCP is set to 1,
the part enters hiccup mode when OCP and UVP
are both triggered. When Hiccup OCP is set to 0,
the part enters latch-off when OCP and UVP are
both triggered.
The lowest bit, Mode, is used for selecting forced
PWM or auto PFM/PWM mode at light load. When
Mode is set to 0, auto-PFM/PWM mode is enabled
at light load. When Mode is set to 1, forced PWM
mode is enabled at light load.
NAME
BITS
DEFAULT
DESCRIPTION
EN
D[7]
1
I2C controlled turn-on or turn-off of the part. When the external EN is low, the
converter is off and I2C shuts down. When EN is high, the EN bit takes over.
The default EN bit is 1.
GO_BIT
D[6]
0
Switch bit of the I2C writing authority for output reference command only. Set
GO_BIT = 1 to enable the I2C authority of writing the output reference. When
the command is finished, GO_BIT auto-resets to 0 to prevent false operation
of the VOUT scaling. Write the GO_BIT = 1 first, then write the output
reference voltage and change the V_BOOT status.
Voltage scaling examples:
1) Set GO_BIT = 1.
2) Write register 00: set V_BOOT = 0 and set the output reference.
3) Read back the GO_BIT value to see if the output scaling is finished. If
GO_BIT = 0, the voltage scaling is done. Otherwise, VOUT is still in
adjustment.
4) Set GO_BIT = 1 if output voltage scaling is needed a second time.
5) Write register 00: set V_BOOT = 0 and set the output reference.
Slew rate
D[5:3]
100
The slew rate during the I2C-controlled voltage changing is defined by three
bits. The output voltage changes linearly from the previous voltage to the new
set voltage with a below slew rate. This helps to reduce the inrush current,
voltage overshoot, and voltage undershoot greatly.
D[5:3]
Slew Rate
D[5:3]
Slew Rate
000
40
mV/μs
100
5
mV/μs
001
30
mV/μs
101
2.5
mV/μs
010
20
mV/μs
110
1.25
mV/μs
011
10
mV/μs
111
0.62
5mV/μs
Retry
OVP
D[2]
1
FB or VOUT over-voltage protection mode selection bit. 1 means the part
auto-recovers when OVP is removed. 0 means the part latches off once output
OVP and VIN OVP are both triggered until VIN or EN is power reset.
Hiccup
OCP
D[1]
1
Over-current protection mode selection. 1 means hiccup mode OCP. 0 means
latch-off type OCP.
Mode
D[0]
0
Set Mode to 0 to enable PFM mode; set Mode to 1 to disable auto-PFM/PWM
mode. Default is auto-PFM/PWM mode for light load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com