Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8869W Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8869W
Description  3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869W Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8869W Datasheet HTML 1Page - Monolithic Power Systems MP8869W Datasheet HTML 2Page - Monolithic Power Systems MP8869W Datasheet HTML 3Page - Monolithic Power Systems MP8869W Datasheet HTML 4Page - Monolithic Power Systems MP8869W Datasheet HTML 5Page - Monolithic Power Systems MP8869W Datasheet HTML 6Page - Monolithic Power Systems MP8869W Datasheet HTML 7Page - Monolithic Power Systems MP8869W Datasheet HTML 8Page - Monolithic Power Systems MP8869W Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
MP8869W
3V - 18V, 12A, High-Efficiency, Wide-Input,
Synchronous Step-Down Converter with
Integrated Telemetry via I2C Interface
MP8869W Rev. 1.02
www.MonolithicPower.com
1
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The
MP8869W
is
a
high-frequency,
synchronous, rectified, step-down, switch-mode
converter with an I2C control interface. It offers a
fully integrated solution that achieves 12A of
continuous and 15A of peak output current with
excellent load and line regulation over a wide
input supply range.
In the I2C control loop, the output voltage level
can be controlled on-the-fly through an I2C serial
interface. The voltage range can be adjusted
from 0.6V to 1.55V in 7.5mV steps. Voltage slew
rate, frequency, current limit, hiccup/latch-off
protection, enable, and power saving mode are
also selectable through the I2C interface.
Constant-on-time
(COT)
control
operation
provides fast transient response. An open-drain
power good (PG) pin indicates that the output
voltage is in the nominal range. Full protection
features include over-voltage protection (OVP),
over-current protection (OCP), and thermal
shutdown.
The MP8869W is available in a QFN-14
(3mmx4mm) package.
FEATURES
Wide 3V to 18V Operating Input Range
12A Continuous/15A Peak Output Current
1% Internal Reference Accuracy
I2C Programmable Output Range from 0.6V
to 1.55V in 7.5mV Steps with Slew Rate
Control
5% Accuracy Output Voltage and Output
Current Monitoring via I2C
Selectable PFM/PWM Mode, Adjustable
Frequency and Current Limit through I2C
4 Different Selectable I2C Addresses
External Soft Start
Open-Drain Power Good Indication
Output Over-Voltage Protection (OVP)
Hiccup/Latch-Off OCP
Available in a QFN-14 (3mmx4mm)
Package
APPLICATIONS
Solid-State Drive (SSD)
Flat-Panel Television and Monitors
Digital Set-Top Boxes
Distributed Power Systems
Networking/Server
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP8869W
SCL
EN
VIN
C1
22uFx2
SDA
VIN
VO
AGND
C2
22uFx4
PG
VOUT
3V-18V
L1
1.5uH
I2C Bus
{
1V/12A
VCC
C5
470nF
SS
BST
C6
22nF
C3
100nF
A0
SW
PGND
FB
R2
120k
R1
80.6k
EN
PG


Similar Part No. - MP8869W

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8869W MPS-MP8869W Datasheet
66Kb / 1P
High-Efficiency, 12A, 18V, Synchronous Step-Down Converter with I2C Interface
Rev.0.8 4/25/2016
MP8869WGL MPS-MP8869WGL Datasheet
1Mb / 12P
High Efficiency,12A,17V, Synchronous Step-Down Converter with I2C Interface
MP8869W MPS-MP8869W_V01 Datasheet
66Kb / 1P
High-Efficiency, 12A, 18V, Synchronous Step-Down Converter with I2C Interface
Rev.0.8 4/25/2016
More results

Similar Description - MP8869W

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8869 MPS-MP8869 Datasheet
2Mb / 37P
17V, 12A, High-Efficiency, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
MP8869S MPS-MP8869S Datasheet
2Mb / 39P
18V, 12A, High-Efficiency, Wide-Input, Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
MPQ8632D-6 MPS-MPQ8632D-6 Datasheet
2Mb / 23P
High Efficiency, 6A/12A, 18V Synchronous Step-down Converter
MP8763 MPS-MP8763 Datasheet
1Mb / 24P
High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
MP8763D MPS-MP8763D Datasheet
970Kb / 25P
High Efficiency, 12A, 18V Synchronous Step-down Converter With Output Discharge
EV8712-L-00A MPS-EV8712-L-00A Datasheet
624Kb / 9P
High Efficiency,12A,18V, Synchronous Step-Down Converter
EV8763D-L-00A MPS-EV8763D-L-00A Datasheet
420Kb / 8P
High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
EV8869W-L-00A MPS-EV8869W-L-00A Datasheet
1Mb / 12P
High Efficiency,12A,17V, Synchronous Step-Down Converter with I2C Interface
MP8869W MPS-MP8869W_V01 Datasheet
66Kb / 1P
High-Efficiency, 12A, 18V, Synchronous Step-Down Converter with I2C Interface
Rev.0.8 4/25/2016
MP8861 MPS-MP8861 Datasheet
1Mb / 37P
2.85V - 18V, 6A, High-Efficiency, Wide-Input,Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
Rev. 1.1 5/28/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com