Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8869W Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8869W
Description  3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869W Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8869W Datasheet HTML 1Page - Monolithic Power Systems MP8869W Datasheet HTML 2Page - Monolithic Power Systems MP8869W Datasheet HTML 3Page - Monolithic Power Systems MP8869W Datasheet HTML 4Page - Monolithic Power Systems MP8869W Datasheet HTML 5Page - Monolithic Power Systems MP8869W Datasheet HTML 6Page - Monolithic Power Systems MP8869W Datasheet HTML 7Page - Monolithic Power Systems MP8869W Datasheet HTML 8Page - Monolithic Power Systems MP8869W Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
MP8869W
– 3V - 18V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP8869W Rev. 1.02
www.MonolithicPower.com
3
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PACKAGE REFERENCE
4
5
VOUT
VIN
VCC
AGND
BST
A0
FB
SS
6
SDA
EN
13
12
11
1
SCL
PG
14
10
9
3
7
SW
PGND
2
8
TOP VIEW
QFN-14 (3mmx4mm)
ABSOLUTE MAXIMUM RATINGS (1)
VIN.................................................. -0.3V to 19V
VSW ............................... -0.6V (-7V for <10ns) to
VIN + 0.7V (25V for <25ns)
VBST .....................................................VSW + 4V
VEN...............................................................18V
VOUT ...............................................................7V
All other pins.................................... -0.3V to 4V
Continuous power dissipation (TA = +25°C)
(2)
QFN-14 (3mmx4mm) ................................ 2.5W
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Storage temperature .................. -65°C to 150°C
Recommended Operating Conditions (3)
Supply voltage (VIN) .......................... 3V to 18V
Output voltage (VOUT)... 0.6V to 5.5V for FB loop
and 0.6V to 1.55V for I2C loop
Operating junction temp. (TJ) ... -40°C to +125°C
Thermal Resistance (4)
θJA
θJC
QFN-14 (3mmx4mm) ............. 48 ...... 11... °C/W
NOTES:
1.
Exceeding these ratings may damage the device.
2.
The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3.
The device is not guaranteed to function outside of its operating
conditions.
4.
Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com