Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8869W Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8869W
Description  3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869W Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8869W Datasheet HTML 1Page - Monolithic Power Systems MP8869W Datasheet HTML 2Page - Monolithic Power Systems MP8869W Datasheet HTML 3Page - Monolithic Power Systems MP8869W Datasheet HTML 4Page - Monolithic Power Systems MP8869W Datasheet HTML 5Page - Monolithic Power Systems MP8869W Datasheet HTML 6Page - Monolithic Power Systems MP8869W Datasheet HTML 7Page - Monolithic Power Systems MP8869W Datasheet HTML 8Page - Monolithic Power Systems MP8869W Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
MP8869W
– 3V - 18V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8869W Rev. 1.02
www.MonolithicPower.com
5
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (CONTINUED)
VIN = 12V, TJ = -40°C to +125°C(5), typical value is tested at TJ=+25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power
good
OV
threshold
falling
PGVth-Lo
Good
1.01
1.05
1.09
VOUT
Power good deglitch time
PGTd
I2C programmable
30
μs
Power good sink current
capability
VPG
Sink 4mA
0.4
V
OVP rising threshold
VOVP_Rise
VOUT and FB
121%
125%
129%
VREF
OVP falling threshold
VOVP_Falling
VOUT and FB
106%
110%
114%
VREF
OVP delay
τOVP
3.7
μs
Output pin absolute OV
VOVP2
6
6.5
7
V
UVP threshold
VFB_UV_th
Hiccup entry
55%
60%
65%
VREF
UVP delay (6)
τUVP
10
μs
Soft-start current
ISS
5
7
9
μA
VCC voltage
VCC
3.5
V
VCC load regulation
VCC_reg
ICC = 20mA
3
%
Thermal shutdown (6)
TTSD
160
°C
Thermal hysteresis (6)
TTSD_HYS
20
°C
NOTES:
5) Not tested in production and guaranteed by over-temperature correlation.
6) Guaranteed by design and characterization test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com