Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8869WGL Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MP8869WGL
Description  3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869WGL Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MP8869WGL Datasheet HTML 20Page - Monolithic Power Systems MP8869WGL Datasheet HTML 21Page - Monolithic Power Systems MP8869WGL Datasheet HTML 22Page - Monolithic Power Systems MP8869WGL Datasheet HTML 23Page - Monolithic Power Systems MP8869WGL Datasheet HTML 24Page - Monolithic Power Systems MP8869WGL Datasheet HTML 25Page - Monolithic Power Systems MP8869WGL Datasheet HTML 26Page - Monolithic Power Systems MP8869WGL Datasheet HTML 27Page - Monolithic Power Systems MP8869WGL Datasheet HTML 28Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
MP8869W
– 3V - 18V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8869W Rev. 1.02
www.MonolithicPower.com
24
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
I2C INTERFACE
I2C Serial Interface Description
The I2C is a 2-wire, bidirectional, serial interface
consisting of a data line (SDA) and a clock line
(SCL). The lines are pulled to a bus voltage
externally when they are idle. When connecting
to the line, a master device generates the SCL
signal and device address and arranges the
communication
sequence.
The
MP8869W
interface is an I2C slave. The I2C interface adds
flexibility to the power supply solution. The
output voltage, transition slew rate, and other
parameters can be controlled by the I2C interface
instantaneously.
Data Validity
One clock pulse is generated for each data bit
transferred. The data on the SDA line must be
stable during the high period of the clock. The
high or low state of the data line can only change
when the clock signal on the SCL line is low (see
Figure 8).
Figure 8: Bit Transfer on the I2C Bus
Start and stop are signaled by the master device,
which signifies the beginning and the end of the
I2C transfer. The start condition is defined as the
SDA signal transitioning from high to low while
the SCL is HIGH. The stop condition is defined
as the SDA signal transitioning from low to high
while the SCL is high (see Figure 9).
Figure 9: Start and Stop Conditions
Start and stop conditions are always generated
by the master. The bus is considered to be busy
after the start condition, and is considered to be
free again after a minimum of 4.7μs after the stop
condition. The bus remains busy if a repeated
start (Sr) is generated instead of a stop condition.
The start (S) and repeated start (Sr) conditions
are functionally identical.
Transfer Data
Every byte put on the SDA line must be eight bits
long. Each byte has to be followed by an
acknowledge
bit.
The
acknowledge-related
clock pulse is generated by the master. The
transmitter releases the SDA line (high) during
the acknowledge clock pulse. The receiver must
pull down the SDA line during the acknowledge
clock pulse so that it remains stable low during
the high period of this clock pulse.
Data transfers follow the format shown in Figure
10. After the start condition (S), a slave address
is sent. This address is 7 bits long followed by an
eighth bit data direction bit (R/W). A zero
indicates a transmission (write), and a one
indicates a request for data (read). A data
transfer is always terminated by a stop condition
(P) generated by the master. However, if a
master still wishes to communicate on the bus, it
can generate a repeated start condition (Sr) and
address another slave without first generating a
stop condition.
Figure 10: Complete Data Transfer
The MP8869W requires a start condition, a valid
I2C address, a register address byte, and a data
byte for a single data update. After receiving
each byte, the MP8869W acknowledges by
pulling the SDA line low during the high period of
a single clock pulse. A valid I2C address selects
the MP8869W. The MP8869W performs an
update on the falling edge of the LSB byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com