Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8869WGL Datasheet(PDF) 31 Page - Monolithic Power Systems

Part # MP8869WGL
Description  3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869WGL Datasheet(HTML) 31 Page - Monolithic Power Systems

Back Button MP8869WGL Datasheet HTML 27Page - Monolithic Power Systems MP8869WGL Datasheet HTML 28Page - Monolithic Power Systems MP8869WGL Datasheet HTML 29Page - Monolithic Power Systems MP8869WGL Datasheet HTML 30Page - Monolithic Power Systems MP8869WGL Datasheet HTML 31Page - Monolithic Power Systems MP8869WGL Datasheet HTML 32Page - Monolithic Power Systems MP8869WGL Datasheet HTML 33Page - Monolithic Power Systems MP8869WGL Datasheet HTML 34Page - Monolithic Power Systems MP8869WGL Datasheet HTML 35Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
MP8869W
– 3V - 18V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8869W Rev. 1.02
www.MonolithicPower.com
31
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
5) Reg04 Output Voltage
Register 04 is an output voltage-indicating register.
After part starts up, the output voltage can be read
through the I2C communication.
Table 5 shows the output voltage chart from 0.35V
to 2.52V.
NAME
BITS
DEFAULT
DESCRIPTION
Output
voltage
D[7:0]
0000 0000
Output voltage monitor bits. Table 5 shows the output voltage monitor chart.
Table 5: Output Voltage Chart
D[7:0]
VOUT
(V)
D[7:0]
VOUT
(V)
D[7:0]
VOUT
(V)
D[7:0]
VOUT
(V)
D[7:0]
VOUT
(V)
D[7:0]
VOUT
(V)
0000 0000
0.35
0010 1011
0.7155
0101 0110
1.081
1000 0001
1.4465
1010 1100
1.812
1101 0111
2.1775
0000 0001
0.3585
0010 1100
0.724
0101 0111
1.0895
1000 0010
1.455
1010 1101
1.8205
1101 1000
2.186
0000 0010
0.367
0010 1101
0.7325
0101 1000
1.098
1000 0011
1.4635
1010 1110
1.829
1101 1001
2.1945
0000 0011
0.3755
0010 1110
0.741
0101 1001
1.1065
1000 0100
1.472
1010 1111
1.8375
1101 1010
2.203
0000 0100
0.384
0010 1111
0.7495
0101 1010
1.115
1000 0101
1.4805
1011 0000
1.846
1101 1011
2.2115
0000 0101
0.3925
0011 0000
0.758
0101 1011
1.1235
1000 0110
1.489
1011 0001
1.8545
1101 1100
2.22
0000 0110
0.401
0011 0001
0.7665
0101 1100
1.132
1000 0111
1.4975
1011 0010
1.863
1101 1101
2.2285
0000 0111
0.4095
0011 0010
0.775
0101 1101
1.1405
1000 1000
1.506
1011 0011
1.8715
1101 1110
2.237
0000 1000
0.418
0011 0011
0.7835
0101 1110
1.149
1000 1001
1.5145
1011 0100
1.88
1101 1111
2.2455
0000 1001
0.4265
0011 0100
0.792
0101 1111
1.1575
1000 1010
1.523
1011 0101
1.8885
1110 0000
2.254
0000 1010
0.435
0011 0101
0.8005
0110 0000
1.166
1000 1011
1.5315
1011 0110
1.897
1110 0001
2.2625
0000 1011
0.4435
0011 0110
0.809
0110 0001
1.1745
1000 1100
1.54
1011 0111
1.9055
1110 0010
2.271
0000 1100
0.452
0011 0111
0.8175
0110 0010
1.183
1000 1101
1.5485
1011 1000
1.914
1110 0011
2.2795
0000 1101
0.4605
0011 1000
0.826
0110 0011
1.1915
1000 1110
1.557
1011 1001
1.9225
1110 0100
2.288
0000 1110
0.469
0011 1001
0.8345
0110 0100
1.2
1000 1111
1.5655
1011 1010
1.931
1110 0101
2.2965
0000 1111
0.4775
0011 1010
0.843
0110 0101
1.2085
1001 0000
1.574
1011 1011
1.9395
1110 0110
2.305
0001 0000
0.486
0011 1011
0.8515
0110 0110
1.217
1001 0001
1.5825
1011 1100
1.948
1110 0111
2.3135
0001 0001
0.4945
0011 1100
0.86
0110 0111
1.2255
1001 0010
1.591
1011 1101
1.9565
1110 1000
2.322
0001 0010
0.503
0011 1101
0.8685
0110 1000
1.234
1001 0011
1.5995
1011 1110
1.965
1110 1001
2.3305
0001 0011
0.5115
0011 1110
0.877
0110 1001
1.2425
1001 0100
1.608
1011 1111
1.9735
1110 1010
2.339
0001 0100
0.52
0011 1111
0.8855
0110 1010
1.251
1001 0101
1.6165
1100 0000
1.982
1110 1011
2.3475
0001 0101
0.5285
0100 0000
0.894
0110 1011
1.2595
1001 0110
1.625
1100 0001
1.9905
1110 1100
2.356
0001 0110
0.537
0100 0001
0.9025
0110 1100
1.268
1001 0111
1.6335
1100 0010
1.999
1110 1101
2.3645
0001 0111
0.5455
0100 0010
0.911
0110 1101
1.2765
1001 1000
1.642
1100 0011
2.0075
1110 1110
2.373
0001 1000
0.554
0100 0011
0.9195
0110 1110
1.285
1001 1001
1.6505
1100 0100
2.016
1110 1111
2.3815
0001 1001
0.5625
0100 0100
0.928
0110 1111
1.2935
1001 1010
1.659
1100 0101
2.0245
1111 0000
2.39
0001 1010
0.571
0100 0101
0.9365
0111 0000
1.302
1001 1011
1.6675
1100 0110
2.033
1111 0001
2.3985
0001 1011
0.5795
0100 0110
0.945
0111 0001
1.3105
1001 1100
1.676
1100 0111
2.0415
1111 0010
2.407
0001 1100
0.588
0100 0111
0.9535
0111 0010
1.319
1001 1101
1.6845
1100 1000
2.05
1111 0011
2.4155
0001 1101
0.5965
0100 1000
0.962
0111 0011
1.3275
1001 1110
1.693
1100 1001
2.0585
1111 0100
2.424
0001 1110
0.605
0100 1001
0.9705
0111 0100
1.336
1001 1111
1.7015
1100 1010
2.067
1111 0101
2.4325
0001 1111
0.6135
0100 1010
0.979
0111 0101
1.3445
1010 0000
1.71
1100 1011
2.0755
1111 0110
2.441
0010 0000
0.622
0100 1011
0.9875
0111 0110
1.353
1010 0001
1.7185
1100 1100
2.084
1111 0111
2.4495
0010 0001
0.6305
0100 1100
0.996
0111 0111
1.3615
1010 0010
1.727
1100 1101
2.0925
1111 1000
2.458
0010 0010
0.639
0100 1101
1.0045
0111 1000
1.37
1010 0011
1.7355
1100 1110
2.101
1111 1001
2.4665
0010 0011
0.6475
0100 1110
1.013
0111 1001
1.3785
1010 0100
1.744
1100 1111
2.1095
1111 1010
2.475
0010 0100
0.656
0100 1111
1.0215
0111 1010
1.387
1010 0101
1.7525
1101 0000
2.118
1111 1011
2.4835
0010 0101
0.6645
0101 0000
1.03
0111 1011
1.3955
1010 0110
1.761
1101 0001
2.1265
1111 1100
2.492
0010 0110
0.673
0101 0001
1.0385
0111 1100
1.404
1010 0111
1.7695
1101 0010
2.135
1111 1101
2.5005
0010 0111
0.6815
0101 0010
1.047
0111 1101
1.4125
1010 1000
1.778
1101 0011
2.1435
1111 1110
2.509
0010 1000
0.69
0101 0011
1.0555
0111 1110
1.421
1010 1001
1.7865
1101 0100
2.152
1111 1111
2.5175
0010 1001
0.6985
0101 0100
1.064
0111 1111
1.4295
1010 1010
1.795
1101 0101
2.1605
0010 1010
0.707
0101 0101
1.0725
1000 0000
1.438
1010 1011
1.8035
1101 0110
2.169



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com