Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8869WGL Datasheet(PDF) 33 Page - Monolithic Power Systems

Part # MP8869WGL
Description  3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869WGL Datasheet(HTML) 33 Page - Monolithic Power Systems

Back Button MP8869WGL Datasheet HTML 29Page - Monolithic Power Systems MP8869WGL Datasheet HTML 30Page - Monolithic Power Systems MP8869WGL Datasheet HTML 31Page - Monolithic Power Systems MP8869WGL Datasheet HTML 32Page - Monolithic Power Systems MP8869WGL Datasheet HTML 33Page - Monolithic Power Systems MP8869WGL Datasheet HTML 34Page - Monolithic Power Systems MP8869WGL Datasheet HTML 35Page - Monolithic Power Systems MP8869WGL Datasheet HTML 36Page - Monolithic Power Systems MP8869WGL Datasheet HTML 37Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
MP8869W
– 3V - 18V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8869W Rev. 1.02
www.MonolithicPower.com
33
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage in a FB Control
Loop
The MP8869W can be controlled by the FB loop
or I2C loop. The FB loop is the default loop during
power-up or EN on. In this case, the output
voltage can be set by the external resistor
dividers. The FB loop reference voltage is a fixed
value (0.6V) and cannot be programmed by the
I2C.
The FB loop network is shown in Figure 11.
FB
R2
R1
VOUT
Rt
Figure 11: FB Loop Network
Choose R1 and R2 with Equation (4):
1
6
.
0
1
2
V
V
R
R
OUT
(4)
Table 6 lists the recommended feedback
resistors value for common output voltages.
Table 6: Resistor Selection for Common Output
Voltages (8)
VOUT (V)
R1 (kΩ)
R2 (kΩ)
Rt(
kΩ)
L(μH)
1.0
80.6
120
10
1.5
1.2
80.6
80.6
10
1.5
1.5
80.6
53.6
10
1.5
1.8
80.6
40.2
10
1.5
2.5
80.6
25.5
10
2.2
3.3
80.6
17.8
10
2.2
5
80.6
11
10
3.3
NOTE:
6)
The recommended parameters are based on a 12V input
voltage and 22µFx4 output capacitor. Different input voltage
and output capacitor values may affect the selection of R1 and
R2
. For other components’ parameters, please refer to the
Typical Application Circuits on page 34.
Setting the Output Voltage in an I2C control
Loop
After the part powers up and EN turns on, the FB
loop can be programmed to the I2C loop sensing
(VOUT) by setting V_BOOT = 0. In this case, the
output voltage can be set by the I2C from 0.6V to
1.55V. Please refer to Table 3 for more details
about output voltage setting.
Output Voltage Dynamic Scale
The output voltage dynamic scaling can be done
only in the I2C control loop. Refer to Figure 12
and follow the steps below.
1) Write GO_BIT (Reg01[6]) to 1.
2) Write Reg00 to select the feedback loop by
setting V_BOOT (Reg00[7]) and setting the
reference voltage by Output Reference
(Reg00[6:0])
simultaneously.
When
the
command is finished, GO_BIT auto-resets to
0 to prevent false operation of the VOUT
scaling.
Repeat the above two steps if the output voltage
needs to be changed to a different voltage.
Voltage scaling
start
Write Reg01[6]
“GO_BIT”=1
Write Reg00 (Set
“V_BOOT”=0 &
“Vref”code)
Voltage scaling is done
Figure 12: Loop Switch and Output Voltage
Dynamic Scale Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com