Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8869WGL Datasheet(PDF) 29 Page - Monolithic Power Systems

Part # MP8869WGL
Description  3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869WGL Datasheet(HTML) 29 Page - Monolithic Power Systems

Back Button MP8869WGL Datasheet HTML 25Page - Monolithic Power Systems MP8869WGL Datasheet HTML 26Page - Monolithic Power Systems MP8869WGL Datasheet HTML 27Page - Monolithic Power Systems MP8869WGL Datasheet HTML 28Page - Monolithic Power Systems MP8869WGL Datasheet HTML 29Page - Monolithic Power Systems MP8869WGL Datasheet HTML 30Page - Monolithic Power Systems MP8869WGL Datasheet HTML 31Page - Monolithic Power Systems MP8869WGL Datasheet HTML 32Page - Monolithic Power Systems MP8869WGL Datasheet HTML 33Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
MP8869W
– 3V - 18V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8869W Rev. 1.02
www.MonolithicPower.com
29
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
3) Reg02 SysCntlreg2
Register 02 is the second system control register.
The highest two bits of the PG deglitch time D[7:6]
defines the power good signal rising and falling edge
delay times. When output OVP or UVP is triggered,
the PG signal turns low or high after a delay time.
There are four levels of PG delay time that can be
programmed by the I2C in different conditions.
The two switching frequency bits D[5:4] are used for
switching frequency selection. The MP8869W
supports up to 1.25MHz of switching frequency by
setting the two bits to 11. The MP8869W maximum
programmable switching frequency is limited by
internal minimum on-time (see Table 1).
The bit Soft Stop defines the output voltage
discharge behavior after EN shutdown. When Soft
Stop is set to 0, the output voltage is not controlled
after EN shutdown. When Soft Stop is set to 1, the
output voltage is discharged linearly to zero with the
set soft-stop time.
The lowest three bits, Current Limit Adjust D[2:0],
are used for peak and valley current-limit selection.
There are eight levels of current limit that can be
selected for different application conditions.
NAME
BITS
DEFAULT
DESCRIPTION
PG deglitch
time
D[7:6]
11
Power good signal rising
and falling edges’ delay time. When FB or VOUT
is out of regulation window, the PG comparator is triggered, but needs a
delay time before the PG signal can turn high or low.
D[7:6]
PG Deglitch
D[7:6]
PG Deglitch
00
<1
μs
10
12
μs
01
6
μs
11
30
μs
Switching
frequency
D[5:4]
00
Switching frequency set bit. There is no dedicated frequency oscillator
inside the part. The switching frequency is fairly fixed by controlling the
TON timer.
D[5:4]
Frequency
D[5:4]
Frequency
00
500kHz
10
1MHz
01
750kHz
11
1.25MHz
Soft stop
D[3]
0
This bit defines the VOUT discharge behavior after EN shutdown. “0”
means VOUT is not controlled after EN shutdown; “1” means VOUT is
discharged linearly to zero with the set soft-stop time.
Current limit
adjust
D[2:0]
001
D[2:0]
Valley Current Limit (A)
D[2:0]
Valley Current Limit (A)
000
16
100
8.5
001
14
101
7
010
12
110
6
011
10
111
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com