Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P257 Datasheet(PDF) 55 Page - ELAN Microelectronics Corp

Part # EM78P257
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257 Datasheet(HTML) 55 Page - ELAN Microelectronics Corp

Back Button EM78P257 Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 55Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 56Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 57Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 58Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 59Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
55
0x01
TCC/R1
TCC7
TCC6
TCC5
TCC4
TCC3
TCC2
TCC1
TCC0
0X09
TCCSR/R9
CMPOUT4 CMPOUT3 CMPOUT2 CMPOUT1
0
TCCCIF
TCCBIF
TCCAIF
0X05
TCCA/IOC51
TCCA7
TCCA6
TCCA5
TCCA4
TCCA3
TCCA2
TCCA1
TCCA0
0x06
TCCBL/IOC61
TCCB7
TCCB6
TCCB5
TCCB4
TCCB3
TCCB2
TCCB1
TCCB0
• TCCA: An eight-bit time clock/counter A. In MOUSE mode, it will load X-axis data into TCCA, it is
defined as an increment/decrement counter.
• TCCB: An eight-bit time clock/counter B. In MOUSE mode, it will load Y-axis data into TCCB, it is
defined as an increment/decrement counter.
• TCCC: An eight-bit time clock/counter C. In MOUSE mode, it will load Z-axis data into TCCC, it is
defined as an increment/decrement counter.
Table 23 TCCX Status Register (1)
7
6
5
4
3
2
1
0
-
-
-
-
-
TCCAIE
TCCATS
TCCATE
• Bit 7~Bit 3 Not used, read as ‘0’.
• Bit 2(TCCAIE) TCCAIF interrupt enable bit.
0: disable TCCAIF interrupt
1: enable TCCAIF interrupt
• Bit 1(TCCATS) TCCA signal source
0: internal instruction cycle clock
1: transition on the TCC1 pin
• Bit 0(TCCATE) TCCA signal edge
0: increment if the transition from low to high (leading edge) takes place on the TCC2 pin
1: increment if the transition from high to low (leading edge) takes place on the TCC2 pin
Table 24 TCCX Status Register (2)
7
6
5
4
3
2
1
0
-
TCCBIE
TCCBTS
TCCBTE
-
TCCCIE
TCCCTS
TCCCTE
• Bit 7 Not used.
• Bit 6(TCCBIE) TCCBIF interrupt enable bit.
0: disable the TCCBIF interrupt
1: enable the TCCBIF interrupt
• Bit 5(TCCBTS) TCCB signal source
0: internal instruction cycle clock
1: transition on the TCC3 pin
• Bit 4(TCCBTE) TCCB signal edge
0: increment if the transition from low to high (leading edge) takes place on the TCC4 pin
1: increment if the transition from high to low (leading edge) takes place on the TCC4 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com