Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P257 Datasheet(PDF) 16 Page - ELAN Microelectronics Corp

Part # EM78P257
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257 Datasheet(HTML) 16 Page - ELAN Microelectronics Corp

Back Button EM78P257 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 20Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
16
11. RC (TCC Prescaler Counter)
TCC prescaler counter can be read and written.
PSR2 PSR1 PSR0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TCC Rate
0
0
0
-
-
-
-
-
-
-
V
1:2
0
0
1
-
-
-
-
-
-
V
V
1:4
0
1
0
-
-
-
-
-
V
V
V
1:8
0
1
1
-
-
-
-
V
V
V
V
1:16
1
0
0
-
-
-
V
V
V
V
V
1:32
1
0
1
-
-
V
V
V
V
V
V
1:64
1
1
0
-
V
V
V
V
V
V
V
1:128
1
1
1
V
V
V
V
V
V
V
V
1:256
*V: valid value
12. RD (IR Control Register)
7
6
5
4
3
2
1
0
DP1
DP0
MF1
MF0
IRE
HF
LGP
PWM
• Bit 7: Bit 6 (DP1:DP0) : Ratios of duty and period of modulated frequency
DP1
DP0
Ratio
0
0
1:2(default)
0
1
1:3
1
0
1:4
1
1
-
• Bit 5: Bit 4 ( MF1:MF0 ) : Modulated frequency
MF1
MF0
Fosco
0
0
Fosc/1
0
1
-
1
0
Fosc/4
1
1
Fosc/8
• Bit 3(IRE)
Infrared Remote Enable bit
0: Disable IRE. Disable H/W Modulator Function.
1: Enable IRE. Disable RB (Bit4(TCCBTE) and Bit5(TCCBTS)), and TCCBX acts as a down counter.
Enable H/W Modulator Function. Pin 67 defined as IR OUT.
• Bit 2(HF) High Frequency. When HF = 1; the Low-time part of the generated pulse is modulated with
a frequency Fosco.
• Bit 1(LGP) Long Pulse. When LGP = 1, the contents of the High-time register are ignored. A single
pulse is generated; its pulse is high.
Pulse width = (Contents of Low-time register) x (number of pulse) x (1/Fosc)
If HF = 1, this pulse is modulated with a frequency Fosco (selected by MF1,MF0).
1:2
1
2
1:3
3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com