Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P257 Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM78P257
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257 Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM78P257 Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
7
Table 1 Pin Description- EM78P257AP/AM
Symbol
Pin No.
Type
Function
VDD
14
-
Power supply.
OSCI
16
I
* XTAL type: Crystal input terminal or external clock input pin.
* RC type: RC oscillator input pin.
OSCO
15
I/O
* XTAL type: output terminal for crystal oscillator or external clock
input pin.
* RC type: clock output with a duration of one instruction cycle.
* External clock signal input.
P70~P71
4,15
I/O
* General purpose I/O pin. (P71 is input pin only)
* Default value after a power on reset.
P60~P67
6~13
I/O
* General purpose I/O pin.
* Open_drain
* Default value after a power on reset.
P50~P55
1~3
16~18
I/O
* General purpose I/O pin.
* Pull_high/pull_down.
* Wake up from sleep mode when the status of the pin changes.
* Default value after a power on reset.
IR OUT
13
O
* IR mode output pin, capable of sinking 20mA
/INT
6
I
* External interrupt pin triggered by falling edge.
CIN1-,CIN1+
CIN2-,CIN2+
CIN3-,CIN3+
CIN4-,CIN4+
CO1,CO2
CO3,CO4
16,17
3,2
7,8
12,11
18,1
9,10
I
I
I
I
O
O
* “-“ -> the input pin of Vin- of a comparator.
* “+”-> the input pin of Vin+ of a comparator.
* Pin CO1~4 are the outputs of the comparators.
TCC
TCC1,TCC2,
TCC3,TCC4
3
,7,12
18,17
I
* External Counter input.
/RESET
4
I
* If set as /RESET and remains at logic low, the device will be reset.
* Voltage on /RESET/Vpp must not exceed Vdd during the normal
mode.
* Pull_high is on if defined as /RESET.
VSS
5
-
Ground.
Table 2 Pin Description- EM78P257AKM
Symbol
Pin No.
Type
Function
VDD
15,16
-
Power supply.
OSCI
18
I
* XTAL type: Crystal input terminal or external clock input pin.
* RC type: RC oscillator input pin.
OSCO
17
I/O
* XTAL type: output terminal for crystal oscillator or external clock
input pin.
* RC type: clock output with a duration of one instruction cycle.
* External clock signal input.
P70,P71
17,4
I/O
* General purpose I/O pin. (P71 is input pin only)
* Default value after a power on reset.
P60~P67
7~14
I/O
* General purpose I/O pin.
* Open_drain.
* Default value after a power on reset.
P50~P55
1~3
18~20
I/O
* General purpose I/O pin.
* Pull_high/pull_down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com