Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2410 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2410
Description  24V, 2A, 1MHz, Synchronous, Step-Down LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2410 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2410 Datasheet HTML 1Page - Monolithic Power Systems MP2410 Datasheet HTML 2Page - Monolithic Power Systems MP2410 Datasheet HTML 3Page - Monolithic Power Systems MP2410 Datasheet HTML 4Page - Monolithic Power Systems MP2410 Datasheet HTML 5Page - Monolithic Power Systems MP2410 Datasheet HTML 6Page - Monolithic Power Systems MP2410 Datasheet HTML 7Page - Monolithic Power Systems MP2410 Datasheet HTML 8Page - Monolithic Power Systems MP2410 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MP2410 – 24V, 2A, 1MHZ, SYNCHRONOUS, STEP-DOWN, LED DRIVER
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP2410 Rev. 1.0
www.MonolithicPower.com
4
8/25/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
Typical values are VIN = 12V, TJ = 25°C, unless otherwise noted. Minimum and maximum values
are at VIN = 12V, TJ = -40°C to +125°C, unless otherwise noted, guaranteed by characterization.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Voltage
Operating range
VIN
After turn on
4.2
24
V
Turn on threshold
VIN ON
VIN rising edge
3.5
3.7
4
V
Hysteretic voltage
VIN HYS
0.12
V
Supply Current
Shutdown current
ISD
VEN = 0V
10
50
μA
Quiescent current
IQ
VEN = 2V, VFB = 200mV
0.9
1.1
mA
Enable and Dimming (EN/DIM)
EN/DIM off threshold
VEN OFF
VEN/DIM falling edge
0.27
0.31
0.35
V
EN/DIM on threshold
VEN ON
VEN/DIM rising edge
0.545
0.59
0.635
V
Turn off delay time
tOFF DELAY
16
22
28
ms
EN/DIM pull-up current
IEN/DIM
VEN = 0V
2.8
3.8
5.3
μA
Max analog dimming threshold
VADIM MAX
Theoretically, VFB = 100mV
1.31
1.44
1.57
V
Min analog dimming threshold
VADIM MIN
VFB = 5mV
0.63
0.7
0.78
V
Feedback (FB)
Feedback voltage
VFB
4.2V
 VIN  24V
93
100
107
mV
Feedback current
IFB
VFB = 150mV
30
75
nA
Power Switch
High-side MOSFET on
resistance
RDS(ON)_H
VIN = 5.0V
100
170
mΩ
VIN = 4.2V
110
180
mΩ
Low-side synchronous rectifier
switch on resistance
RDS(ON)_L
VIN = 5.0V
80
140
mΩ
VIN = 4.2V
90
150
mΩ
Switch leakage
ISW LKG
VEN = 0V, VSW = 0V
1
μA
High-side current limit
ILIMIT_H
When high-side switch turns
on
3.5
5
6.6
A
Low-side current limit
ILIMIT_L
When low-side switch turns
on
-890
-630
-330
mA
OCP current threshold
IOCP
Both for high-side and low-
side
3.6
5.5
7
A
Oscillator frequency
fSW
VFB = 80mV
0.8
1
1.2
MHz
Maximum duty cycle
DMAX
VFB = 80mV
90
94
%
Minimum on time
tON MIN
70
ns
Restart Timer
Hiccup timer at fault condition
tSTART
2.4
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com