Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2410 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2410
Description  24V, 2A, 1MHz, Synchronous, Step-Down LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2410 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2410 Datasheet HTML 1Page - Monolithic Power Systems MP2410 Datasheet HTML 2Page - Monolithic Power Systems MP2410 Datasheet HTML 3Page - Monolithic Power Systems MP2410 Datasheet HTML 4Page - Monolithic Power Systems MP2410 Datasheet HTML 5Page - Monolithic Power Systems MP2410 Datasheet HTML 6Page - Monolithic Power Systems MP2410 Datasheet HTML 7Page - Monolithic Power Systems MP2410 Datasheet HTML 8Page - Monolithic Power Systems MP2410 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MP2410
24V, 2A, 1MHz, Synchronous,
Step-Down LED Driver
MP2410 Rev. 1.0
www.MonolithicPower.com
1
8/25/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2410 is a 24V, monolithic, synchronous,
step-down, white LED driver with a built-in power
MOSFET and rectifier. It achieves up to 2A of
continuous output current with excellent load and
line regulation. Peak current mode operation
provides fast transient response and eases loop
stabilization.
The MP2410 implements deep analog dimming.
Full protection features include cycle-by-cycle
peak-current
limiting,
output
short-circuit
protection (SCP), open LED protection, NTC
thermal protection, and thermal shutdown.
The MP2410 requires a minimum number of
readily available, standard, external components
and is available in TSOT23-6 and TSOT23-8
packages.
FEATURES
 4.2V to 24V Wide Input Range
 Synchronous Step-Down Converter
 100mΩ Internal High-Side Power MOSFET
 80mΩ Internal Low-Side Synchronous
Rectifier
 Peak Current Mode Control
 Up to 2A Continuous Output Current
 100mV Feedback Voltage
 Up to 97% Efficiency
 Fixed 1MHz Switching Frequency
 Analog Dimming
 Cycle-by-Cycle Current Limit
 Inherent LED Open Protection
 Output Short-Circuit Protection (SCP)
 NTC Thermal Protection
 Thermal Shutdown
 Auto-Restart Function
 Available in TSOT23-6 and TSOT23-8
Packages
APPLICATIONS
 Infrared LED Driver
 General LED Driver
 Flashlight
 Handheld Computers Backlight
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality
Assurance. “MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
IN
EN/DIM
BST
SW
FB
GND
MP2410
VIN
OFF ON
C2
C1
L1
C3
50mΩ
R2
R1
Max
2A
VIN (V)
84
86
88
90
92
94
96
98
100
6 8 10 12 14 16 18 20 22 24 26


Similar Part No. - MP2410

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2410A MPS-MP2410A Datasheet
1Mb / 17P
24V, 2A, 1MHz, Synchronous, Step-Down, LED Driver
MP2410AGJ MPS-MP2410AGJ Datasheet
1Mb / 17P
24V, 2A, 1MHz, Synchronous, Step-Down, LED Driver
MP2410AGJE MPS-MP2410AGJE Datasheet
1Mb / 17P
24V, 2A, 1MHz, Synchronous, Step-Down, LED Driver
More results

Similar Description - MP2410

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5719 GMT-G5719 Datasheet
86Kb / 2P
1MHz, 2A Synchronous Step-Down Regulator
logo
Eutech Microelectronics...
EUP3282 EUTECH-EUP3282 Datasheet
107Kb / 1P
2A, 24V, 340KHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE738D ACE-ACE738D Datasheet
1Mb / 12P
2A, 24V Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8032H BELLING-BL8032H Datasheet
986Kb / 8P
1MHz, 18V, 2A Synchronous Step-Down Converter
BL9382C BELLING-BL9382C Datasheet
595Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Leshan Radio Company
LR9382C LRC-LR9382C Datasheet
482Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2410A MPS-MP2410A Datasheet
1Mb / 17P
24V, 2A, 1MHz, Synchronous, Step-Down, LED Driver
logo
Linear Technology
LT3932 LINER-LT3932 Datasheet
1Mb / 30P
36V, 2A Synchronous Step-Down LED Driver
logo
Feeling Technology Corp...
FP6172 FEELING-FP6172 Datasheet
392Kb / 12P
1MHz, 2A Synchronous Step-Down Regulator
logo
Shenzhen Huazhimei Semi...
HM1470H HMSEMI-HM1470H Datasheet
1Mb / 8P
1MHz, 18V, 2A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com