Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2410 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2410
Description  24V, 2A, 1MHz, Synchronous, Step-Down LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2410 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2410 Datasheet HTML 2Page - Monolithic Power Systems MP2410 Datasheet HTML 3Page - Monolithic Power Systems MP2410 Datasheet HTML 4Page - Monolithic Power Systems MP2410 Datasheet HTML 5Page - Monolithic Power Systems MP2410 Datasheet HTML 6Page - Monolithic Power Systems MP2410 Datasheet HTML 7Page - Monolithic Power Systems MP2410 Datasheet HTML 8Page - Monolithic Power Systems MP2410 Datasheet HTML 9Page - Monolithic Power Systems MP2410 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MP2410 – 24V, 2A, 1MHZ, SYNCHRONOUS, STEP-DOWN, LED DRIVER
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP2410 Rev. 1.0
www.MonolithicPower.com
6
8/25/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
95
96
97
98
99
100
101
102
103
-50 -25 0 25 50 75 100 125 150
60
80
100
120
140
160
180
-50 -25 0 25 50 75 100 125 150
40
60
80
100
120
140
160
-50 -25 0 25 50 75 100 125 150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com