Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2410 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2410
Description  24V, 2A, 1MHz, Synchronous, Step-Down LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2410 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2410 Datasheet HTML 4Page - Monolithic Power Systems MP2410 Datasheet HTML 5Page - Monolithic Power Systems MP2410 Datasheet HTML 6Page - Monolithic Power Systems MP2410 Datasheet HTML 7Page - Monolithic Power Systems MP2410 Datasheet HTML 8Page - Monolithic Power Systems MP2410 Datasheet HTML 9Page - Monolithic Power Systems MP2410 Datasheet HTML 10Page - Monolithic Power Systems MP2410 Datasheet HTML 11Page - Monolithic Power Systems MP2410 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
MP2410 – 24V, 2A, 1MHZ, SYNCHRONOUS, STEP-DOWN, LED DRIVER
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP2410 Rev. 1.0
www.MonolithicPower.com
8
8/25/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMACE CHARACTERISTICS (continued)
Performance waveforms are tested on the evaluation board.
VIN = 12V, 2 WLEDs in series, VOUT = 5.9V, ILED = 1.5A, L = 4.7μH, TA = 25°C, unless otherwise
noted.
EN Start-Up
EN Shutdown
Open LED Protection
Minimum Analog Dimming
VEN/DIM=0.6V
Short LED+ to GND
Protection
Short LED+ to LED-
Protection
VIN
2V/div.
VEN
1V/div.
VSW
5V/div.
IL
500mA/div.
ILED
500mA/div.
VSW
10V/div.
ILED
500mA/div.
IL
500mA/div.
VIN
2V/div.
VOUT
2V/div.
VSW
5V/div.
IL
200mA/div.
VEN
1V/div.
VSW
10V/div.
ILED
500mA/div.
IL
500mA/div.
VEN/DIM
200mV/div.
VSW
5V/div.
ILED
20mA/div.
IL
500mA/div.
VFB
50mV/div.
VSW
5V/div.
IL
500mA/div.
VSW
5V/div.
IL
1A/div.
Steady State
VIN
5V/div.
VSW
10V/div.
ILED
500mA/div.
IL
500mA/div.
VIN
5V/div.
VSW
10V/div.
ILED
500mA/div.
IL
500mA/div.
VIN Start-Up
VIN Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com