Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC980A Datasheet(PDF) 6 Page - Linear Technology

Part # DC980A
Description  Monitors and Margins Two Power Supplies
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

DC980A Datasheet(HTML) 6 Page - Linear Technology

Back Button DC980A Datasheet HTML 2Page - Linear Technology DC980A Datasheet HTML 3Page - Linear Technology DC980A Datasheet HTML 4Page - Linear Technology DC980A Datasheet HTML 5Page - Linear Technology DC980A Datasheet HTML 6Page - Linear Technology DC980A Datasheet HTML 7Page - Linear Technology DC980A Datasheet HTML 8Page - Linear Technology DC980A Datasheet HTML 9Page - Linear Technology DC980A Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
dc980abf
DEMO MANUAL
DC980A/DC980B
Quick start proceDure
c. Check VDD and V12 input voltages Note: If JP7 is set to DC590 position, the V12 telemetry reading
will be ~5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com