Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC980A Datasheet(PDF) 1 Page - Linear Technology

Part # DC980A
Description  Monitors and Margins Two Power Supplies
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

DC980A Datasheet(HTML) 1 Page - Linear Technology

  DC980A Datasheet HTML 1Page - Linear Technology DC980A Datasheet HTML 2Page - Linear Technology DC980A Datasheet HTML 3Page - Linear Technology DC980A Datasheet HTML 4Page - Linear Technology DC980A Datasheet HTML 5Page - Linear Technology DC980A Datasheet HTML 6Page - Linear Technology DC980A Datasheet HTML 7Page - Linear Technology DC980A Datasheet HTML 8Page - Linear Technology DC980A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
dc980abf
DEMO MANUAL
DC980A/DC980B
Description
Dual Power Supply Monitor
and Margining Controller with LTC3828
Dual DC/DC Supply
The DC980A and DC980B are a demonstration system that
showcasestheLTC2970,adualpowersupplymonitorand
margining controller with an I2C interface. The DC980A
board contains the LTC2970 device and the DC980B
board contains the LTC3828 dual DC/DC controller. The
two boards interface to each other via a 20-pin connec-
tor. The DC980B board features the LTC3828 dual output,
2-phase synchronous buck regulator. The LTC2970’s
two voltage-buffered, 8-bit IDACs allow highly accurate
margining of the LTC3828’s output voltages. The IDACs
can be configured to automatically servo the power sup-
plies to a desired voltage using the ADC for feedback. The
DC980B comes preconfigured with 3.3V and 5V power
supply rail voltages.
The LTC2970’s low drift reference and 14-bit ∆∑ A/D
converter allow precise measurements of two power sup-
ply output voltages and load currents. Fault management
allows ALERTB to be asserted for configurable over- and
undervoltage fault conditions.
This demonstration system is supported by the
LTpowerPlay™graphicaluserinterface(GUI)whichenables
complete control of all the features of the device. Together,
the LTpowerPlay software and DC980A/DC980B hardware
system create a powerful development environment for
designing and testing hardware configurations for the
LTC2970.ThesoftwaredisplaystheLTC2970featuresand
provides real time measurements from the device’s ADC
and status registers. Telemetry also allows easy access
of the fault status created by the LTC2970.
The LTC2970 features may be evaluated with the LTC3828
based power supplies, or alternatively the DC980B board
may be removed and DC980A can then be connected to
an external power supply circuit.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
LTpowerPlay is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
The DC980B demo board is powered by an external 8V
to 15V power supply. To power the DC980A demo board,
you have two choices. It may be powered from either the
DC590 USB-to-I2C controller or from the DC980B board
using an external jumper wire. Communication with the
software is provided through the DC590 USB-to-I2C con-
troller. The following is a checklist of items which can be
obtained from the LTC website or LTC field sales.
n
USB-to-I2C/Serial Controller (DC590)
n
LTpowerPlay Software
DC980A/DC980B Features
n
Monitors and Margins Two Power Supplies
n
Two Output Voltage Monitors
n
Two Input Voltage Monitors
n
Two Output Current Monitors
n
Telemetry Reads Back VIN, VOUT, IOUT, Temperature
n
Supported by LTpowerPlay GUI
n
I2C Adjustable OV/UV Trip Points
n
Margin or Trim Supplies to ±0.5% Accuracy
n
I2C/SMBus Serial Interface
n
Programmable GPIO for Fault Reporting
n
Powered from External Power Supply
n
LTC2970 Available in 24-Pin QFN Package
Design files for this circuit board are available at
http://www.linear.com/demo/DC980


Similar Part No. - DC980A

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
DC900 INTRONICS-DC900 Datasheet
195Kb / 1P
7.5 WATT SINGLE OUTPUT DC-DC CONVERTERS
logo
Linear Integrated Syste...
DC9000 LINEAR-DC9000 Datasheet
903Kb / 2P
SmartMesh IP Starter Kit
DC9001 LINEAR-DC9001 Datasheet
903Kb / 2P
SmartMesh IP Starter Kit
DC9003A-B LINEAR-DC9003A-B Datasheet
903Kb / 2P
SmartMesh IP Starter Kit
DC9006 LINEAR-DC9006 Datasheet
903Kb / 2P
SmartMesh IP Starter Kit
More results

Similar Description - DC980A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4210 MAXIM-MAX4210 Datasheet
620Kb / 32P
High-Side Power and Current Monitors
Rev 0; 6/04
DS1854 MAXIM-DS1854 Datasheet
792Kb / 22P
Dual Temperature-Controlled Resistors with Two Monitors
Rev 0; 1/03
logo
Texas Instruments
TMP512 TI-TMP512 Datasheet
1Mb / 52P
Temperature and Power Supply System Monitors
TMP512 TI-TMP512_1 Datasheet
1Mb / 54P
Temperature and Power Supply System Monitors
logo
Maxim Integrated Produc...
MAX4210 MAXIM-MAX4210_05 Datasheet
676Kb / 32P
High-Side Power and Current Monitors
Rev 1; 5/05
logo
List of Unclassifed Man...
ABL6TS25G ETC2-ABL6TS25G Datasheet
44Kb / 1P
Power supplies and transformers
logo
Texas Instruments
TMP512 TI1-TMP512_15 Datasheet
1Mb / 61P
Temperature and Power Supply System Monitors
logo
Linear Technology
LTC4370 LINER-LTC4370 Datasheet
268Kb / 20P
Shares Load Between Two Supplies
logo
Maxim Integrated Produc...
MAX31760EVKIT MAXIM-MAX31760EVKIT Datasheet
1Mb / 15P
Controls and Monitors Up to Two Fans
19-7389; Rev 0; 4/14
logo
Diodes Incorporated
PI6C49S1504T DIODES-PI6C49S1504T Datasheet
529Kb / 2P
High-Performance Two-and Four-Output Fanout Clock Buffers Enhance System Timing Margins
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com