Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC980A Datasheet(PDF) 11 Page - Linear Technology

Part # DC980A
Description  Monitors and Margins Two Power Supplies
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

DC980A Datasheet(HTML) 11 Page - Linear Technology

Back Button DC980A Datasheet HTML 7Page - Linear Technology DC980A Datasheet HTML 8Page - Linear Technology DC980A Datasheet HTML 9Page - Linear Technology DC980A Datasheet HTML 10Page - Linear Technology DC980A Datasheet HTML 11Page - Linear Technology DC980A Datasheet HTML 12Page - Linear Technology DC980A Datasheet HTML 13Page - Linear Technology DC980A Datasheet HTML 14Page - Linear Technology DC980A Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
dc980abf
DEMO MANUAL
DC980A/DC980B
parts list—Dc980B
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
3
CB1, CB2, C12
CAP CER 0.1µF 16V 10% X7R 0603
MURATA GRM188R71C104KA01D
2
2
CIN1, CIN2
CAP CER 10µF 25V 10% X7R 1210
MURATA GRM32DR71E106KA12L
3
1
CIN3
CAP ALUM 33µF 25V 20% 6.3x6 SMD
NICHICON PCV1E330MCL1GS
4
1
COUT1
CAP ALUM POLY 150µF 6.3V 7343
PANASONIC EEF-CX0J151XR
5
1
COUT2
CAP ALUM POLY 180µF 4V 7343
PANASONIC EEF-SX0G181ER
6
2
C2, C15
CAP CER 100pF 50V 5% C0G 0603
MURATA GRM1885C1H101JA01D
7
2
C3, C16
CAP CER 470pF 50V 5% C0G 0603
MURATA GRM1885C1H471JA01D
8
3
C5, C7, C14
CAP CER 1000pF 50V 5% C0G 0603
MURATA GRM1885C1H102JA01D
9
3
C4, C10, C19
CAP CER 1µF 10V 10% X5R 0603
MURATA GRM188R61A105KA61D
10
2
C9, C13
CAP CER 1µF 25V 10% X7R 0805
TDK C2012X7R1E105K125AB
11
1
C11
CAP TANT 4.7µF 10V 0805
MURATA GRM21BR71A475KA73K
12
2
C20, C21
CAP CER 10nF 25V 10% X7R 0603
MURATA GRM188R71E103KA01D
13
2
D1, D3
SCHOTTKY DIODE 30V 0.1A SOD-323
CENTRAL SEMI CMDSH-3 TR
14
2
L1, L2
INDUCTOR, 2.2µH
WÜRTH 74437346022
15
2
Q1, Q2
MOSFET Nch DUAL PWR SW 30V 12mΩ SO8
IR IRF8313PBF
16
5
R1, R7, R11, R12, RIN1
RES 10Ω 0.1W 5% 0603
VISHAY CRCW060310R0JNEA
17
2
R2, R16
RES 10kΩ 0.1W 1% 0603 SMD
VISHAY CRCW0603103JRT6
18
2
R3, R18
RES 100kΩ 0.1W 1% 0603 SMD
VISHAY CRCW0603100KFKEA
19
2
R4, R10
RES 42.2kΩ 0.1W 1% 0603 SMD
VISHAY CRCW060349K2FKEA
20
3
R5, R20, R21
RES 20kΩ 0.1W 1% 0603 SMD
VISHAY CRCW060320K0FKEA
21
1
R6
RES 105kΩ 0.1W 1% 0603 SMD
VISHAY CRCW0603105KFKEA
22
2
R13, R26
RES 30.1kΩ 0.1W 1% 0603 SMD
VISHAY CRCW060330K1FKEA
23
2
R14, R24
RES 95.3kΩ 0.1W 1% 0603 SMD
VISHAY CRCW060395K3FKEA
24
2
R19, R22
RES 8.2kΩ 0.1W 5% 0603 SMD
VISHAY CRCW06038K20FKEA
25
1
R27
RES 1kΩ 0.1W 5% 0603 SMD
VISHAY CRCW06031K00JNEA
26
1
R28
RES 147kΩ 0.1W 1% 0603 SMD
VISHAY CRCW0603147KFKEA
27
1
R29
RES 196kΩ 0.1W 1% 0603 SMD
VISHAY CRCW0603196KFKEA
28
2
RSENS1, RSENS2
RES 0.01Ω 0.5W 1% 1206
STACKPOLE CSR1206FK10L0
29
1
U1
IC, 2-CH STEP DOWN CONTROLLER QFN28
LINEAR TECHNOLOGY LTC3828EUH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com