Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC980A Datasheet(PDF) 7 Page - Linear Technology

Part # DC980A
Description  Monitors and Margins Two Power Supplies
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

DC980A Datasheet(HTML) 7 Page - Linear Technology

Back Button DC980A Datasheet HTML 3Page - Linear Technology DC980A Datasheet HTML 4Page - Linear Technology DC980A Datasheet HTML 5Page - Linear Technology DC980A Datasheet HTML 6Page - Linear Technology DC980A Datasheet HTML 7Page - Linear Technology DC980A Datasheet HTML 8Page - Linear Technology DC980A Datasheet HTML 9Page - Linear Technology DC980A Datasheet HTML 10Page - Linear Technology DC980A Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
dc980abf
DEMO MANUAL
DC980A/DC980B
Figure 3. Connecting DC980A/B Boards with VIN Jumper to 12VIN Turret
alternate Dc980a poWerinG methoD
The DC980A board may be powered from the input supply
that powers the DC980B board. This configuration allows
the LTC2970 to make a direct reading of VIN and display
the readback value in the V12_ADC_LTC2970 register in
LTpowerPlay. It requires an external jumper wire. Ensure
thatallpowerisremovedfrombothboards.OntheDC980A
board, move jumper JP7 to the LOCAL position. Place a
jumper wire between the VIN turret of the DC980B and
the 12VIN turret of the DC980A. Note that the LTC2970’s
voltage range is 8V to 15V. Ensure that the DC980B is
powered by a voltage between 8V and 15V. Apply power.
The 12V telemetry register and plot should look like this:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com