Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC5589 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC5589
Description  700MHz to 6GHz Low Power Direct Quadrature Modulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5589 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC5589 Datasheet HTML 9Page - Linear Technology LTC5589 Datasheet HTML 10Page - Linear Technology LTC5589 Datasheet HTML 11Page - Linear Technology LTC5589 Datasheet HTML 12Page - Linear Technology LTC5589 Datasheet HTML 13Page - Linear Technology LTC5589 Datasheet HTML 14Page - Linear Technology LTC5589 Datasheet HTML 15Page - Linear Technology LTC5589 Datasheet HTML 16Page - Linear Technology LTC5589 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
LTC5589
13
5589f
For more information www.linear.com/LTC5589
Typical perForMance characTerisTics
Output IP2 vs LO Power at
fLO = 5800MHz
LO Leakage vs LO Power at
fLO = 3500MHz
LO Leakage vs LO Power at
fLO = 2500MHz
LO Leakage vs LO Power at
fLO = 1800MHz
Output IP2 vs LO Power at
fLO = 4500MHz
VCC = 3.3V, EN = 3.3V, VCTRL = 3.3V, TC = 25°C,
PLO = 0dBm, fLO = 1.8GHz, BBPI, BBMI, BBPQ, BBMQ common mode DC voltage VCMBB = 1.4VDC, I and Q baseband input signal = 2MHz,
2.1MHz, 1VP-P(DIFF, I or Q), I and Q 90° shifted, lower sideband selection, TEMPUPDT = 0, register 0x00 value according to Table 6, all
other registers set to default values, unless otherwise noted. Test circuit is shown in Figure 12.
Output IP2 vs LO Power at
fLO = 3500MHz
Output IP2 vs LO Power at
fLO = 2500MHz
LO Leakage vs LO Power at
fLO = 900MHz
LO Leakage vs LO Power at
fLO = 700MHz
LO POWER (dBm)
–10
80
70
60
50
40
30
20
10
2
4
6
–8
–6
–2
0
5589 G46
–4
DIGITAL GAIN = –4 (SOLID)
DIGITAL GAIN = –10 (DASHED)
2.7V, 25°C
3.3V, 25°C
3.6V, 25°C
3.3V, 85°C
3.3V, –40°C
3.3V, –10°C
3.3V, 105°C
LO POWER (dBm)
–10
80
70
60
50
40
30
20
10
2
4
6
–8
–6
–2
0
5599 G47
–4
DIGITAL GAIN = –4 (SOLID)
DIGITAL GAIN = –10 (DASHED)
USING 5.8GHz LO MATCH
2.7V, 25°C
3.3V, 25°C
3.6V, 25°C
3.3V, 85°C
3.3V, –40°C
3.3V, –10°C
3.3V, 105°C
LO POWER (dBm)
–10
80
70
60
50
40
30
20
10
2
4
6
–8
–6
–2
0
5589 G48
–4
DIGITAL GAIN = –4 (SOLID)
DIGITAL GAIN = –10 (DASHED)
USING 5.8GHz LO MATCH
2.7V, 25°C
3.3V, 25°C
3.6V, 25°C
3.3V, 85°C
3.3V, –40°C
3.3V, –10°C
3.3V, 105°C
LO POWER (dBm)
–10
80
70
60
50
40
30
20
10
2
4
6
–8
–6
–2
0
5589 G49
–4
DIGITAL GAIN = –4 (SOLID)
DIGITAL GAIN = –10 (DASHED)
USING 5.8GHz LO MATCH
2.7V, 25°C
3.3V, 25°C
3.6V, 25°C
3.3V, 85°C
3.3V, –40°C
3.3V, –10°C
3.3V, 105°C
LO POWER (dBm)
–34
–29
–39
–44
–49
–54
5589 G51
6
0
2
4
–2
–10
–4
–6
–8
DIGITAL GAIN = –4
DIGITAL GAIN = –10
2.7V, 25°C
3.3V, 25°C
3.6V, 25°C
3.3V, 85°C
3.3V, –40°C
3.3V, –10°C
3.3V, 105°C
LO POWER (dBm)
–34
–29
–39
–44
–49
–54
5589 G52
6
0
2
4
–2
–10
–4
–6
–8
DIGITAL GAIN = –4
DIGITAL GAIN = –10
2.7V, 25°C
3.3V, 25°C
3.6V, 25°C
3.3V, 85°C
3.3V, –40°C
3.3V, –10°C
3.3V, 105°C
LO POWER (dBm)
–34
–29
–39
–44
–49
–54
5589 G50
6
0
2
4
–2
–10
–4
–6
–8
DIGITAL GAIN = –4
DIGITAL GAIN = –10
2.7V, 25°C
3.3V, 25°C
3.6V, 25°C
3.3V, 85°C
3.3V, –40°C
3.3V, –10°C
3.3V, 105°C
LO POWER (dBm)
–34
–29
–39
–44
–49
–54
5589 G53
6
0
2
4
–2
–10
–4
–6
–8
DIGITAL GAIN = –4
DIGITAL GAIN = –10
2.7V, 25°C
3.3V, 25°C
3.6V, 25°C
3.3V, 85°C
3.3V, –40°C
3.3V, –10°C
3.3V, 105°C
LO POWER (dBm)
–34
–29
–39
–44
–49
–54
5589 G54
6
0
2
4
–2
–10
–4
–6
–8
DIGITAL GAIN = –4
DIGITAL GAIN = –10
USING 5.8GHz LO MATCH
2.7V, 25°C
3.3V, 25°C
3.6V, 25°C
3.3V, 85°C
3.3V, –40°C
3.3V, –10°C
3.3V, 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com