Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC5589 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC5589
Description  700MHz to 6GHz Low Power Direct Quadrature Modulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5589 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC5589 Datasheet HTML 17Page - Linear Technology LTC5589 Datasheet HTML 18Page - Linear Technology LTC5589 Datasheet HTML 19Page - Linear Technology LTC5589 Datasheet HTML 20Page - Linear Technology LTC5589 Datasheet HTML 21Page - Linear Technology LTC5589 Datasheet HTML 22Page - Linear Technology LTC5589 Datasheet HTML 23Page - Linear Technology LTC5589 Datasheet HTML 24Page - Linear Technology LTC5589 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
LTC5589
21
5589f
For more information www.linear.com/LTC5589
pin FuncTions
VCTRL (Pin 1): Variable Gain Control Input. This analog
control pin sets the gain. Write a “1” to bit 6 in register
0x01 (AGCTRL = 1) to activate this pin, resulting in about
2.5mA current draw from a positive supply. Typical VCTRL
voltage range is 0.9V to 3.3V. Gain transfer function is
not linear-in-dB. Tie to VCC when not used.
GND (Pins 2, 5, 12, 13, 14, 15, 17, 18, Exposed Pad 25):
Ground. All these pins are connected together internally.
For best RF performance all ground pins should be con-
nected to RF ground.
LOL, LOC (Pins 3, 4): LO Inputs. This is not a differen-
tial input. Both pins are 50Ω inputs. An LC diplexer is
recommended to be used at these pins (see Figure 12).
AC-coupling capacitors are required at these pins if the
applied DC level is higher than ±50mV.
TTCK (Pin 6): Temperature Update. When the TTCK tem-
perature update mode is selected in register 0x01 (bit 7
= High, TEMPUPDT = 1), the temperature readout and
digital gain compensation vs temperature can be updated
through a logic low to logic high transition at this pin. Do
not float.
TEMP (Pin 7): Temperature Sensing Diode. This pin is
connected to the anode of a diode that may be used to
measure the die temperature, by forcing a current and
measuring the voltage. This diode is not part of the on-
chip thermometer.
BBPI,BBMI(Pins8,9):BasebandInputsoftheI-Channel.
The input impedance of each input is about 1kΩ. It should
be externally biased to a 1.4V common mode level, or AC-
coupled.Donotapplycommonmodevoltagebeyond2VDC.
BBPQ, BBMQ (Pins 10, 11): Baseband Inputs of the
Q-Channel. The input impedance of each input is about
1kΩ. It should be externally biased to a 1.4V common
mode level, or AC-coupled. Do not apply common mode
voltage beyond 2VDC. Float if Q-channel is disabled.
RF (Pin 16): RF Output. The output impedance at RF
frequencies is 50Ω. Its DC output voltage is about 1.7V
if enabled. An AC-coupling capacitor should be used at
this pin with a recommended value of 100pF.
CSB (Pin 19): Serial Port Chip Select. This CMOS input
initiates a serial port transaction when driven low, ending
the transaction when driven back high. Do not float.
SCLK (Pin 20): Serial Port Clock. This CMOS input clocks
serial port input data on its rising edge. Do not float.
SDI (Pin 21): Serial Port Data Input. The serial port uses
this CMOS input for data. Do not float.
SDO (Pin 22): Serial Port Data Output. This NMOS output
presentsdatafromtheserialportduringareadtransaction.
Connect this pin to the digital supply voltage through a
pull-up resistor of sufficiently large value, to ensure that
the current does not exceed 10mA when pulled low.
EN (Pin 23): Enable Pin. The chip is completely turned
on when a logic high voltage is applied to this pin, and
completely turned off for a logic low voltage. Do not float.
VCC(Pin24):PowerSupply.Itisrecommendedtouse1nF
and 4.7µF capacitors for decoupling to ground on this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com