Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC5589 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC5589
Description  700MHz to 6GHz Low Power Direct Quadrature Modulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5589 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC5589 Datasheet HTML 16Page - Linear Technology LTC5589 Datasheet HTML 17Page - Linear Technology LTC5589 Datasheet HTML 18Page - Linear Technology LTC5589 Datasheet HTML 19Page - Linear Technology LTC5589 Datasheet HTML 20Page - Linear Technology LTC5589 Datasheet HTML 21Page - Linear Technology LTC5589 Datasheet HTML 22Page - Linear Technology LTC5589 Datasheet HTML 23Page - Linear Technology LTC5589 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
LTC5589
20
5589f
For more information www.linear.com/LTC5589
LO Return Loss
Typical perForMance characTerisTics
Peak EVM vs RF Output Power at
fLO = 2.17GHz with 1Ms/s 16-QAM
Signal
VCC = 3.3V, EN = 3.3V, VCTRL = 3.3V, TC = 25°C,
PLO = 0dBm, fLO = 1.8GHz, BBPI, BBMI, BBPQ, BBMQ common mode DC voltage VCMBB = 1.4VDC, I and Q baseband input signal = 2MHz,
2.1MHz, 1VP-P(DIFF, I or Q), I and Q 90° shifted, lower sideband selection, TEMPUPDT = 0, register 0x00 value according to Table 6, all
other registers set to default values, unless otherwise noted. Test circuit is shown in Figure 12.
RMS EVM vs RF Output Power at
fLO = 2.17GHz with 1Ms/s 16-QAM
Signal
RMS EVM vs RF Output Power at
fLO = 5.8GHz with 1Ms/s 16-QAM
Signal
RMS EVM vs RF Output Power at fLO =
5.8GHz with 1Ms/s 16-QAM Signal After
25°C, 3.3V Calibration
10
8
9
6
7
5
4
3
2
1
0
5589 G111
–12
–16
–20
RF POWER (dBm)
4
0
–4
–8
DG –4
DG –16
DG –12
DG –8
DG –19
DG 0
10
8
9
6
7
5
4
3
2
1
0
5589 G112
–12
–16
–20
RF POWER (dBm)
4
0
–4
–8
85°C
105°C
DG 0
L1 = 0.8nH, C5 = 0.4pF, C18 = 0.1pF
–40°C
–10°C
25°C
10
8
9
6
7
5
4
3
2
1
0
5589 G113
–14
–18
RF POWER (dBm)
–2
–6
–10
85°C
105°C
DG 0
L1 = 0.8nH, C5 = 0.4pF,
C18 = 0.1pF
–40°C
–10°C
25°C
5
4
3
2
1
0
5589 G110
–12
–16
–20
RF POWER (dBm)
4
0
–4
–8
DG –4
DG –16
DG –12
DG –8
DG –19
DG 0
0
–10
–20
–30
–40
5589 G109
2
1
0
RF FREQUENCY (GHz)
6
5
4
3
L1 = 4.7nH, C5 = 2pF, C18 = 0.2pF
(STANDARD MATCH)
STANDARD MATCH, EN = LOW
L1 = 4.7nH, C5 = 2pF, C18 = 0
L1 = 4.7nH, C5 = 2pF, C18 = 0, EN = LOW
L1 = 0.8nH, C5 = 0.4pF, C18 = 0.1pF
(5.8GHz MATCH)
5.8GHz MATCH, EN = LOW
REGISTER 0x00 SET ACCORDING
TO LO FREQUENCY TABLE 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com