Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC5589 Datasheet(PDF) 39 Page - Linear Technology

Part # LTC5589
Description  700MHz to 6GHz Low Power Direct Quadrature Modulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5589 Datasheet(HTML) 39 Page - Linear Technology

Back Button LTC5589 Datasheet HTML 35Page - Linear Technology LTC5589 Datasheet HTML 36Page - Linear Technology LTC5589 Datasheet HTML 37Page - Linear Technology LTC5589 Datasheet HTML 38Page - Linear Technology LTC5589 Datasheet HTML 39Page - Linear Technology LTC5589 Datasheet HTML 40Page - Linear Technology LTC5589 Datasheet HTML 41Page - Linear Technology LTC5589 Datasheet HTML 42Page - Linear Technology LTC5589 Datasheet HTML 43Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
LTC5589
39
5589f
For more information www.linear.com/LTC5589
appenDix
Table 7. Register 0x05 Phase Shift Register Settings, Including
the Extension Bits and Sign Bit (Bit 7 in Register 0x00)
MPH
NCOARSE
NPH
BPH
–81
–96
31
001111111
–80
–64
0
001000000
–79
–64
1
001000001
–78
–64
2
001000010
–77
–64
3
001000011
–76
–64
4
001000100
–75
–64
5
001000101
–74
–64
6
001000110
–73
–64
7
001000111
–72
–64
8
001001000
–71
–64
9
001001001
–70
–64
10
001001010
–69
–64
11
001001011
–68
–64
12
001001100
–67
–64
13
001001101
–66
–64
14
001001110
–65
–64
15
001001111
–64
–64
16
001010000
–63
–64
17
001010001
–62
–64
18
001010010
–61
–64
19
001010011
–60
–64
20
001010100
–59
–64
21
001010101
–58
–64
22
001010110
–57
–64
23
001010111
–56
–64
24
001011000
–55
–64
25
001011001
–54
–64
26
001011010
–53
–64
27
001011011
–52
–64
28
001011100
–51
–64
29
001011101
–50
–64
30
001011110
–49
–64
31
001011111
–48
–32
0
000100000
–47
–32
1
000100001
–46
–32
2
000100010
–45
–32
3
000100011
–44
–32
4
000100100
–43
–32
5
000100101
–42
–32
6
000100110
–41
–32
7
000100111
(continued)
Table 7. Register 0x05 Phase Shift Register Settings, Including
the Extension Bits and Sign Bit (Bit 7 in Register 0x00)
MPH
NCOARSE
NPH
BPH
–40
–32
8
000101000
–39
–32
9
000101001
–38
–32
10
000101010
–37
–32
11
000101011
–36
–32
12
000101100
–35
–32
13
000101101
–34
–32
14
000101110
–33
–32
15
000101111
–32
–32
16
000110000
–31
–32
17
000110001
–30
–32
18
000110010
–29
–32
19
000110011
–28
–32
20
000110100
–27
–32
21
000110101
–26
–32
22
000110110
–25
–32
23
000110111
–24
–32
24
000111000
–23
–32
25
000111001
–22
–32
26
000111010
–21
–32
27
000111011
–20
–32
28
000111100
–19
–32
29
000111101
–18
–32
30
000111110
–17
–32
31
000111111
–16
0
0
x00000000
–15
0
1
x00000001
–14
0
2
x00000010
–13
0
3
x00000011
–12
0
4
x00000100
–11
0
5
x00000101
–10
0
6
x00000110
–9
0
7
x00000111
–8
0
8
x00001000
–7
0
9
x00001001
–6
0
10
x00001010
–5
0
11
x00001011
–4
0
12
x00001100
–3
0
13
x00001101
–2
0
14
x00001110
–1
0
15
x00001111
0
0
16
x00010000
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com