Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC2416 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLC2416
Description  BLUETOOTH BASEBAND WITH INTEGRATED FLASH
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2416 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLC2416 Datasheet HTML 8Page - STMicroelectronics STLC2416 Datasheet HTML 9Page - STMicroelectronics STLC2416 Datasheet HTML 10Page - STMicroelectronics STLC2416 Datasheet HTML 11Page - STMicroelectronics STLC2416 Datasheet HTML 12Page - STMicroelectronics STLC2416 Datasheet HTML 13Page - STMicroelectronics STLC2416 Datasheet HTML 14Page - STMicroelectronics STLC2416 Datasheet HTML 15Page - STMicroelectronics STLC2416 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
STLC2416
12/27
6.2 Integrated Flash Memory
– 4Mbit size
– 8 parameter blocks of 4 Kword (top configuration)
– 7 main blocks of 32 Kword
– 120ns access time
– see datasheet of standalone product M28R400CT for more detailed information.
Figure 4. Block Addresses
6.2.1
Flash Signal Descriptions
– Write Protect (nwp)
Write protect is an input that gives an additional hardware protection for each block. When Write Protect
is
≤ 0.4V the Lock-Down is enabled and the protection status of the flash blocks cannot be changed.
When Write Protect is
≥ (vddq - 0.4V), the Lock-Down is disabled and the flash memory blocks can be
locked or unlocked.
– Reset (nrp)
The Reset input provides a hardware reset of the memory. When reset is
≤ 0.4V, the memory is in reset
mode: the outputs are high impedant and the current consumption is minimized. After Reset all blocks
are in Locked state. When Reset is
≥ (vddq - 0.4V), the device is in normal operation. Exiting reset mode
4 KWords
3FFFF
3F000
32 KWords
0FFFF
08000
32 KWords
07FFF
00000
M28R400CT
Top Boot Block Addresses
4 KWords
38FFF
38000
32 KWords
30000
37FFF
Total of 8
4 KWord Blocks
Total of 7
32 KWord Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com