| Electronic Components Datasheet Search |
|
STLC2416 Datasheet(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC2416 Datasheet(HTML) 24 Page - STMicroelectronics |
|
24 / 27 page ![]() STLC2416 24/27 10 HCI USB TRANSPORT LAYER The USB Transport Layer has been specified by the Bluetooth™ SIG, and allows HCI level communica- tion between a host controller (STLC2416) and a host (e.g. PC), via a USB interface. The USB Transport Layer is completely implemented in SW. It accepts HCI messages from the HCI Layer, prepares it for transmission over a USB bus, and sends it to the USB Driver. It reassembles the HCI messages from USB data received from the USB Driver, and sends these messages to the HCI Layer. The Transport Layer does not interprete the contents (payload) of the HCI messages; it only examines the header. 11 CLASS1 POWER SUPPORT The chip can control an external power amplifier (PA). Several signals are duplicated on GPIOs for this purpose in order to avoid digital/analogue noise loops in the radio. A software controlled register enables the alternate functions of GPIO[15:6] to generate the signals for driving an external PA in a Bluetooth™ class1 power application. Every bit enables a dedicated signal on a GPIO pin, as described in Table 14. 12 GPIOS Table 14. GPIOs alternate functionalities The signal brxen is the same as the brxen radio output pin. The signal not_brxen is the inverted signal, in order to save components on the application board. PA7 to PA0 are the power amplifier control lines. They are managed, on a connection basis, by the base- band core. The Power Level programmed for a certain Bluetooth™ connection is managed by the firm- ware, as specified in the Bluetooth™ SIG spec. The WLAN signals, as described in section 7.12, can be enabled on GPIO pins. The extra PCM sync signals, as described in section 8.7, can be flexibly configured on GPIO pins to con- nect multiple codecs. Involved GPIO Description of alternate dedicated functionality gpio0 No dedicated function gpio1 WLAN 1 gpio2 WLAN 2 gpio3 WLAN 3 gpio4 WLAN 4 gpio5 (Used for USB reset pull.) gpio6 Power Class 1 brxen gpio7 Power Class 1 not_brxen gpio8 Power Class 1 PA0 or PCM sync 1 gpio9 Power Class 1 PA1 or PCM sync 2 gpio10 Power Class 1 PA2 or PCM sync 3 gpio11 Power Class 1 PA3 gpio12 Power Class 1 PA4 gpio13 Power Class 1 PA5 gpio14 Power Class 1 PA6 gpio15 Power Class 1 PA7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |