Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC2416 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STLC2416
Description  BLUETOOTH BASEBAND WITH INTEGRATED FLASH
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2416 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STLC2416 Datasheet HTML 16Page - STMicroelectronics STLC2416 Datasheet HTML 17Page - STMicroelectronics STLC2416 Datasheet HTML 18Page - STMicroelectronics STLC2416 Datasheet HTML 19Page - STMicroelectronics STLC2416 Datasheet HTML 20Page - STMicroelectronics STLC2416 Datasheet HTML 21Page - STMicroelectronics STLC2416 Datasheet HTML 22Page - STMicroelectronics STLC2416 Datasheet HTML 23Page - STMicroelectronics STLC2416 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
STLC2416
20/27
When spi_io from ADNS_2030 is driving, spi_rxd should be active, while spi_txd is set as a tri-state high
impedance input.
For a read operation, the Bluetooth spi_txd is put in high impedance state after the reception of the ad-
dress.
Note that this feature works independently of the SPI mode, supporting other combinations.
In this case, the devices are connected as described in the figure below.
Figure 7.
8.2.2
Feature description: 32 bit SPI
One application is a Bluetooth stereo headset. In this application, the audio samples are received from the
emitter through the air using the Bluetooth baseband with ACL packets. The samples are decoded by the
embedded ARM CPU (the samples were encoded, for compression, in SBC or MP3 format) and then sent
to a stereo codec though the SPI interface. The application is described in the figure below.
Figure 8.
To support this application, the data size is 32 bits. The 32 bits support is implemented for both transmit
and receive.
8.3 I2C Interface
Used to access I2C peripherals.
The interface is a fast master I2C; it has full control of the interface at all times. I2C slave functionality is
not supported.
STLC2416
Agilent ADNS-2030
spi_clk
spi_frm
spi_txd
spi_rxd
spi_clk
spi_io
SPI slave mode 32 bits
spi_frm
spi_clk
STw5094A CODEC
stereo headset
spi_txd
spi_r xd
32 spi_clk
16 spi_clk
STLC2416
Bluetooth
reception
SPI master mode 32 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com