Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC2416 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLC2416
Description  BLUETOOTH BASEBAND WITH INTEGRATED FLASH
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2416 Datasheet(HTML) 5 Page - STMicroelectronics

  STLC2416 Datasheet HTML 1Page - STMicroelectronics STLC2416 Datasheet HTML 2Page - STMicroelectronics STLC2416 Datasheet HTML 3Page - STMicroelectronics STLC2416 Datasheet HTML 4Page - STMicroelectronics STLC2416 Datasheet HTML 5Page - STMicroelectronics STLC2416 Datasheet HTML 6Page - STMicroelectronics STLC2416 Datasheet HTML 7Page - STMicroelectronics STLC2416 Datasheet HTML 8Page - STMicroelectronics STLC2416 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5/27
STLC2416
5
PINOUT
Figure 3. Pin out (Bottom view)
5.1 Pin Description and Assignment
Table 9 shows the pin list of the STLC2416. There are 91 functional pins of which 25 are used for device
testing only (should not be connected in the application) and 24 supply pins. The column "PU/PD" shows
the pads implementing an internal weak pull-up/down, to fix value if the pin is left open. This cannot re-
place an external pull-up/down.
The pads are grouped according to two different power supply values, as shown in column "VDD":
– V1 for 3.3 V typical 2.7 - 3.6 V range
– V2 for 1.8 V typical 1.55 - 1.95 V range
Finally the column "DIR" describes the pin directions:
– I for Inputs
– O for Outputs
– I/O for Input/Outputs
– O/t for tri-state outputs
D03TL583
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
14
13
12
11
18
17
16
15
10
9
8
7
6
5
4
3
2
1
i2c_
dat
i2c_
clk
pcm_
sync
pcm_
a
nreset
nrp
uart1_
rxd
uart1_
txd
usb_
dn
uart2_
rxd
uart2_
txd
uart2_
i1
uart2_
o2
vddio
vdd
vss
spi_
frm
spi_
clk
xin
int2
int1
vddio
n.c.
vssio
tck
vssio
tdo
tms
ntrst
tdi
btxen
ne
csn2
rdn/ng
csn1
addr0
vddio
sys_cl
k_req
brxen
addr2
nwp
vdd
vss
vpp
ant_sw
bpktcl
btxd
bpaen
bdclk
vddf
bmosi
brclk
vssf
addr17
vss
n.c.
vdd
pcm_
clk
pcm-
b
usb_
dp
uart2_
i2
uart2_
o1
uart2_
io1
uart2_
io2
vssio
brxd
bmiso
data3
data1
n.c.
n.c.
data0
addr19
vddq
csn0
spi_rxd
addr18
bsen
bnden
gpio3 gpio1
boot
vss
vdd
data8 data7 data6 data5 data4
gpio12
gpio14
gpio15
gpio10
gpio11
gpio13
gpio9
vddpll
gpio8 gpio7 gpio6
gpio2 gpio0
vddio
vsspll
gpio4
vssio
gpio5
lpo_
clk_n
lpo_
clk_p data15 data14 data13 data12 data11 data10 data9
data2
vss
vdd
spi_txd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com