Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4613 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM4613
Description  10A Step-Down DC/DC 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 6Page - Linear Technology LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology LTM4613 Datasheet HTML 10Page - Linear Technology LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LTM4649
10
4649fc
For more information www.linear.com/LTM4649
OPERATION
Power Module Description
The LTM4649 is a high performance single output stand-
alone nonisolated switching mode DC/DC power supply.
It can provide up to 10A output current with few exter-
nal input and output capacitors. This module provides
precisely regulated output voltage programmable via
an external resistor from 0.6VDC to 3.3VDC over a 4.5V
to 16V input range. The typical application schematic is
shown in Figure 17.
The LTM4649 has an integrated constant-frequency cur-
rent mode regulator, power MOSFETs, inductor, and other
supporting discrete components. The typical switching
frequency is 450kHz. For switching noise-sensitive ap-
plications, it can be externally synchronized from 400kHz
to 800kHz. See the Applications Information section.
With current mode control and internal feedback loop
compensation, the LTM4649 module has sufficient stabil-
ity margins and good transient performance with a wide
range of output capacitors, especially with all ceramic
output capacitors.
Current mode control provides cycle-by-cycle fast current
limit in an overcurrent condition. An internal overvoltage
monitor protects the output voltage in the event of an
overvoltage >10%. The top MOSFET is turned off and the
bottom MOSFET is turned on until the output is cleared.
Pulling the RUN pin below 1.1V forces the regulator into a
shutdown state. The TRACK/SS pin is used for program-
ming the output voltage ramp and voltage tracking during
start-up. See the Application Information section.
The LTM4649 is internally compensated to be stable over
all operating conditions. Table 3 provides a guideline for
input and output capacitances for several operating condi-
tions. LTpowerCAD™ is available for transient and stability
analysis. The VFBpinisusedtoprogramtheoutputvoltage
with a single external resistor to ground.
A remote sense amplifier is provided in the LTM4649 for
accuratelysensingoutputvoltages≤3.3Vattheloadpoint.
Multiphase operation can be easily employed with the
synchronization inputs using an external clock source.
See application examples.
High efficiency at light loads can be accomplished with
selectableBurstModeoperationusingtheMODEpin.These
light load features will accommodate battery operation.
Efficiency graphs are provided for light load operation in
the Typical Performance Characteristics section.
A TEMP pin is provided to allow the internal device tem-
peraturetobemonitoredusinganonboarddiodeconnected
PNP transistor. This diode connected PNP transistor is
grounded in the module and can be used as a general
temperature monitor using a device that is designed to
monitor the single-ended connection.
The switching node pin is available for functional opera-
tion monitoring. A resistor-capacitor snubber circuit can
be carefully placed from the switching node pin to ground
to dampen any high frequency ringing on the transition
edges.SeetheApplicationsInformationsectionfordetails.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com