Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4613 Datasheet(PDF) 17 Page - Linear Technology

Part # LTM4613
Description  10A Step-Down DC/DC 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology LTM4613 Datasheet HTML 16Page - Linear Technology LTM4613 Datasheet HTML 17Page - Linear Technology LTM4613 Datasheet HTML 18Page - Linear Technology LTM4613 Datasheet HTML 19Page - Linear Technology LTM4613 Datasheet HTML 20Page - Linear Technology LTM4613 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LTM4649
17
4649fc
For more information www.linear.com/LTM4649
APPLICATIONS INFORMATION
high current loads. It is very important that the DIFFP and
DIFFN are connected properly at the output, and DIFFOUT
is connected to VOUT_LCL. Review the parallel schematics
in Figures 19 and 20.
SW Pins
The SW pin is generally used for testing purposes. The
SW pin can also be used to dampen out switch node ring-
ing caused by LC parasitic in the switched current path.
Usually a series R-C combination is used, referred to as a
snubbercircuit.Theresistorwilldampentheresonanceand
the capacitor is chosen to only affect the high frequency
ringing across the resistor.
If the stray inductance or capacitance can be measured
or approximated then a somewhat analytical technique
can be used to select the snubber values. The inductance
is usually easier to determine. It combines the power
path board inductance in combination with the MOSFET
interconnect bond wire inductance.
First the SW pin can be monitored using a wide band-
width scope with a high frequency scope probe. The ring
frequency can be measured for its value. The impedance
Z can be calculated:
ZL = 2π • f • L
where f is the resonant frequency of the ring, and L is the
total parasitic inductance in the switch path. If a resistor
is selected that is equal to Z, then the ringing should be
dampened. The snubber capacitor value is chosen so that
its impedance is equal to the resistor at the ring frequency.
Calculated by:
ZC =
1
2
π • f • C
These values are a good place to start. Modification to
these components should be made to attenuate the ring-
ing with the least amount of power loss.
Temperature Monitoring
A diode connected PNP transistor is used for the TEMP
monitor function by monitoring its voltage over tempera-
ture. The temperature dependence of this diode voltage
can be understood in the equation:
VD = nVT ln
ID
IS
where VT is the thermal voltage (kT/q), and n, the ideality
factor, is 1 for the diode connected PNP transistor be-
ing used in the LTM4649. IS is expressed by the typical
empirical equation:
IS =I0 exp
–VG0
VT
where I0 is a process and geometry dependent current, (I0
is typically around 20k orders of magnitude larger than IS
at room temperature) and VG0 is the band gap voltage of
1.2V extrapolated to absolute zero or –273°C.
If we take the IS equation and substitute into the VD equa-
tion, then we get:
VD = VG0 –
kT
q
 ln
I0
ID
,VT =
kT
q
The expression shows that the diode voltage decreases
(linearly if I0 were constant) with increasing temperature
and constant diode current. Figure 7 shows a plot of VD
vs Temperature over the operating temperature range of
the LTM4649.
If we take this equation and differentiate it with respect to
temperature T, then:
dVD
dT
= −
VG0 − VD
T
This dVD/dT term is the temperature coefficient equal to
about –2mV/K or –2mV/°C. The equation is simplified for
the first order derivation.
Solving for T, T = –(VG0 – VD)/(dVD/dT) provides the
temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com