Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4613 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM4613
Description  10A Step-Down DC/DC 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology LTM4613 Datasheet HTML 16Page - Linear Technology LTM4613 Datasheet HTML 17Page - Linear Technology LTM4613 Datasheet HTML 18Page - Linear Technology LTM4613 Datasheet HTML 19Page - Linear Technology LTM4613 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LTM4649
16
4649fc
For more information www.linear.com/LTM4649
TIME
MASTER OUTPUT
SLAVE OUTPUT
4649 F06
Figure 6. Output Coincident Tracking Characteristic
APPLICATIONS INFORMATION
down with the same resistor values used to set the slave’s
output, then the slave will coincident track with the master
until it reaches its final value. The master will continue to
its final value from the slave’s regulation point. Voltage
tracking is disabled when VTRACK is more than 0.6V. RTA
in Figure 5 will be equal to RFB for coincident tracking.
Ratiometric tracking can be achieved by a few simple
calculations and the slew rate value applied to the mas-
ter’s TRACK/SS pin. As mentioned above, the TRACK/SS
pin has a control range from 0V to 0.6V. The master’s
TRACK/SS pin slew rate is directly equal to the master’s
output slew rate in Volts/Time. The equation for RTB:
MR
SR
• 10k
= RTB
where MR is the master’s output slew rate and SR is the
slave’s output slew rate in Volts/Time. When coincident
tracking is desired, then MR and SR are equal, thus RTB
is equal to 10k. RTA is derived from equation:
RTA =
0.6V
VFB
10k
+ VFB
RFB
−
VTRACK
RTB
where VFB is the feedback voltage reference of the regula-
tor, and VTRACK is 0.6V. Since RTB is equal to the 10k top
feedback resistor of the slave regulator in equal slew rate
or coincident tracking, then RTA is equal to RFB with VFB
= VTRACK. Therefore RTB = 10k, and RTA = 10k in Figure 5.
In ratiometric tracking, a different slew rate maybe desired
for the slave regulator. RTB can be solved for when SR is
slower than MR. Make sure that the slave supply slew
rate is chosen to be fast enough so that the slave output
voltage will reach it final value before the master output.
Each of the TRACK/SS pins will have the 1.3µA current
source on when a resistive divider is used to implement
trackingonthatspecificchannel.Thiswillimposeanoffset
on the TRACK/SS pin input. Smaller value resistors with
the same ratios as the resistor values calculated from the
previous equations can be used. For example, where the
10k value is calculated then a 1.0k can be used to reduce
the TRACK/SS pin offset to a negligible value.
Power Good
The PGOOD pin is an open-drain pin that can be used to
monitor valid output voltage regulation. This pin monitors
a ±10% window around the regulation point. A pull-up
resistor can be connected from PGOOD to a supply volt-
age no greater than 6V.
Stability Compensation
The module has already been internally compensated for
alloutputvoltages.Table3isprovidedformostapplication
requirements. LTpowerCAD is available for other control
loop optimization.
Run Enable
The RUN pin has an enable threshold of 1.4V maximum,
typically 1.25V with 150mV of hysteresis. It controls the
turn-on of the µModule. The RUN pin can be pulled up to
VIN for 5V operation, or a 5V Zener diode can be placed
on the pin and a 10k to 100k resistor can be placed up to
higher than 5V input for enabling the µModule. The RUN
pin can also be used for output voltage sequencing.
In parallel operation the RUN pins can be tied together and
controlled from a single control. See the Typical Applica-
tion circuits in Figures 19 and 20. The RUN pin can also
be left floating. The RUN pin has a 1µA pull-up current
source that increases to 4.5µA during ramp-up.
Differential Remote Sense Amplifier
An accurate differential remote sense amplifier is provided
in the LTM4649 to sense low output voltages accurately
at the remote load points. This is especially applicable for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com