Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4613 Datasheet(PDF) 23 Page - Linear Technology

Part # LTM4613
Description  10A Step-Down DC/DC 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 19Page - Linear Technology LTM4613 Datasheet HTML 20Page - Linear Technology LTM4613 Datasheet HTML 21Page - Linear Technology LTM4613 Datasheet HTML 22Page - Linear Technology LTM4613 Datasheet HTML 23Page - Linear Technology LTM4613 Datasheet HTML 24Page - Linear Technology LTM4613 Datasheet HTML 25Page - Linear Technology LTM4613 Datasheet HTML 26Page - Linear Technology LTM4613 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
LTM4649
23
4649fc
For more information www.linear.com/LTM4649
APPLICATIONS INFORMATION
Table 3. Output Voltage Response vs Component Matrix (Refer to Figure 18) 0A to 5A Load Step Typical Measured Values
CIN
(BULK)*
VENDORS
PART NUMBER
CIN
(CERAMIC) VENDORS
PART NUMBER
COUT
(CERAMIC) VENDORS
PART NUMBER
150µF,
16V
SANYO OSCON 25HVH150MT
22µF, 16V
MURATA GRM32ER71C226KE18L 100µF, 6.3V MURATA
GRM32ER60J107ME20L
220µF, 4V
MURATA
GRM31CR60G227M
VOUT
VIN
CIN
(BULK)*
CIN
(CERAMIC)
COUT
(CERAMIC)
CFF
LOAD STEP
VDROOP
VP-P
RECOVERY
TIME
LOAD STEP
SPEED
RFB SW FREQ
FREQ
PIN
1V
5V, 12V 120µF*
22µF × 2
100µF × 3 None 75% to 100%
45mV
90mV
40µs
1A/µs
15kΩ
450kHz
Float
1.2V 5V, 12V 120µF*
22µF × 2
100µF × 3 None 75% to 100%
50mV 100mV
50µs
1A/µs
10kΩ
450kHz
Float
1.5V 5V, 12V 120µF*
22µF × 2
100µF × 3 None 75% to 100%
57mV 114mV
60µs
1A/µs
6.65kΩ 450kHz
Float
2.5V
5V
120µF*
22µF × 2
100µF × 3 None 75% to 100%
75mV 150mV
70µs
1A/µs
3.16kΩ 450kHz
Float
2.5V
12V
120µF*
22µF × 2
100µF × 3 None 75% to 100%
75mV 150mV
70µs
1A/µs
3.16kΩ 750kHz INTVCC
3.3V
5V
120µF*
22µF × 2
100µF × 3 None 75% to 100%
95mV 190mV
70µs
1A/µs
2.21kΩ 450kHz
Float
3.3V
12V
120µF*
22µF × 2
100µF × 3 None 75% to 100%
95mV 190mV
70µs
1A/µs
2.21kΩ 750kHz INTVCC
1V
5V, 12V 120µF*
22µF × 2
220µF × 2 None 50% to 100%
70mV 140mV
30µs
1A/µs
15kΩ
450kHz
Float
1.2V 5V, 12V 120µF*
22µF × 2
220µF × 2 None 50% to 100%
75mV 150mV
40µs
1A/µs
10kΩ
450kHz
Float
1.5V 5V, 12V 120µF*
22µF × 2
220µF × 2 None 50% to 100%
90mV 180mV
40µs
1A/µs
6.65kΩ 450kHz
Float
2.5V
5V
120µF*
22µF × 2
220µF × 2 None 50% to 100% 135mV 270mV
50µs
1A/µs
3.16kΩ 450kHz
Float
2.5V
12V
120µF*
22µF × 2
220µF × 2 None 50% to 100% 135mV 270mV
50µs
1A/µs
3.16kΩ 750kHz INTVCC
3.3V
5V
120µF*
22µF × 2
220µF × 2 None 50% to 100% 175mV 350mV
60µs
1A/µs
2.21kΩ 450kHz
Float
3.3V
12V
120µF*
22µF × 2
220µF × 2 None 50% to 100% 175mV 350mV
60µs
1A/µs
2.21kΩ 750kHz INTVCC
*Bulk capacitor is optional if VIN has very low input impedance.
Table 4. 1.5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEAT SINK
θJA(°C/W)
Figures 11, 12
5, 12
Figure 9
0
None
14
Figures 11, 12
5, 12
Figure 9
200
None
12
Figures 11, 12
5, 12
Figure 9
400
None
10
Table 5. 3.3V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEAT SINK
θJA(°C/W)
Figures 13, 14
5, 12
Figure 10
0
None
14
Figures 13, 14
5, 12
Figure 10
200
None
12
Figures 13, 14
5, 12
Figure 10
400
None
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com