Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4613 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM4613
Description  EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 5Page - Linear Technology LTM4613 Datasheet HTML 6Page - Linear Technology LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology LTM4613 Datasheet HTML 10Page - Linear Technology LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
LTM4651
9
4651f
For more information www.linear.com/LTM4651
In addition, the output of the LTM4651 can track a voltage
applied between the ISETa pin and the SVOUT– pins. See
the Applications Information section.
PGOOD (D1): Power Good Indicator, Open-Drain Output
Pin. PGOOD is high impedance when PGDFB – SVOUT– is
within approximately ±7.5% of 0.6V. PGOOD is pulled to
GND when PGDFB – SVOUT– is outside this range.
PGDFB (D2): Power Good Feedback Programming Pin.
Connect PGDFB to GNDSNS through a resistor, RPGDFB.
RPGDFB configures the voltage threshold of VOUT– for
which PGOOD toggles its state. If the PGOOD feature is
used, set RPGDFB to:
RPGDFB =
| VOUT– |
0.6V
–1

 •4.99k
otherwise, leave PGDFB open circuit.
A small filter capacitor (220pF) internal to the LTM4651
on this pin provides high frequency noise immunity for
the PGOOD output indicator.
fSET (E3): Oscillator Frequency Programming Pin. The
default switching frequency of the LTM4651 is 400kHz.
Often, it is necessary to increase the programmed fre-
quency by connecting a resistor between fSETandSVOUT–.
(See the Applications Information section.) Note that the
synchronization range of CLKIN is approximately ±40%
of the oscillator frequency programmed by the fSET pin.
CLKIN(B1):OscillatorSynchronizationInput.LeaveCLKIN
open circuit for forced continuous mode operation.
Alternatively,thispincanbedrivensoastosynchronizethe
switching frequency of the LTM4651 to a clock signal. In
thiscondition,theLTM4651operatesinforced-continuous
mode and the cycle-by-cycle turn-on of the Primary MOS-
FET is coincident with the rising edge of the clock applied
to CLKIN. Note the synchronization range of CLKIN is ap-
proximately±40%oftheoscillatorfrequencyprogrammed
by the fSET pin. See the Applications Information section.
COMPa (E2): Current Control Threshold and Error Ampli-
fier Compensation Node. The trip threshold of LTM4651’s
current comparator increases with a respective rise in
COMPa voltage. A small filter capacitor (10pF) internal
to the LTM4651 on this pin introduces a high-frequency
roll-offoftheerror-amplifierresponse,yieldinggoodnoise
rejection in the control-loop. COMPa is usually electrically
connected to COMPb in one’s application, thus applying
default loop compensation. Loop compensation (a series
resistor-capacitor) can be applied externally to COMPa if
desired or needed, instead. See COMPb.
COMPb (E1): Internal Loop Compensation Network.
For a majority of applications, the internal, default loop
compensation of the LTM4651 is suitable to apply “as is”
and yields very satisfactory results: apply the default loop
compensation to the control loop by simply connecting
COMPa to COMPb. When more specialized applications
requireapersonaltouchtotheoptimizationofcontrolloop
response,thiscanbeaccomplishedbyconnectingaseries
resistor-capacitor network from COMPa to SVOUT–—and
leaving COMPb open circuit.
VINREG(D3):InputVoltageRegulationProgrammingPin.
Optionally connect this pin to the midpoint node formed
by a resistor-divider between VD and SVOUT–. When the
voltage on VINREG falls below approximately 2V with
respect to SVOUT–, a VINREG control loop servos COMPa
so as to decrease the power inductor current and thus
regulate VINREG at 2V with respect to SVOUT–. See the
Applications Information section.
If this input voltage regulation feature is not desired, con-
nect VINREG to INTVCC.
TEMP+ (J1, J6): Temperature Sensor, Positive Input.
Emitter of a 2N3906-genre PNP bipolar junction transistor
(BJT). Optionally interface to temperature monitoring cir-
cuitry such as LTC®2997, LTC2990, LTC2974 or LTC2975.
Otherwise leave electrically open. Pins J1 and J6 are
electrically connected together internal to the LTM4651,
and thus it is only necessary to connect one TEMP+ pin
to monitoring circuitry. The remaining TEMP+ pin can be
used for redundant connectivity or routed to an ICT test
point for design-for-test considerations, as desired.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com